Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI2167-B22 Fiches technique(PDF) 2 Page - Silicon Laboratories

No de pièce SI2167-B22
Description  Combo DVB-T/C/S/S2 Digital TV Demodulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2167-B22 Fiches technique(HTML) 2 Page - Silicon Laboratories

  SI2167-B22 Datasheet HTML 1Page - Silicon Laboratories SI2167-B22 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multimedia Digital Demodulator
Copyright © 2015 by Silicon Laboratories
10.29.2015
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders.
Si2167-B22
Combo DVB-T/C/S/S2 Digital TV Demodulator
Selected Electrical Specifications
(TA = –10 to 75 °C)
Parameter
Test Condition
Min
Typ
Max
Unit
General
Input clock reference
4
30
MHz
Supported XTAL frequency
16
30
MHz
Total power consumption
DVB-T1/DVB-C2
190/180
mW
DVB-S3
230
mW
DVB-S24
465
mW
Thermal resistance, JA
2 layer PCB
32
°C/W
4 layer PCB
23
°C/W
Power Supplies
VDD_VCORE
1.14
1.20
1.30
V
VDD_VANA
3.00
3.30
3.60
V
VDD_VIO
3.00
3.30
3.60
V
Notes:
1. Test conditions: 8 MHz, 8K FFT, 64 QAM, parallel TS output.
2. Test conditions: 6.9 Mbaud, 256 QAM, parallel TS output.
3. Test conditions: 30 MBaud, CR = 7/8, parallel TS (at QEF: BER = 2. 10–4).
4. Test conditions: 32 MBaud, 3/5 Code Rate, 8PSK, pilots On, parallel TS, C/N at picture failure.
Pin Assignments
Selection Guide
Part Number
Description
Si2167-B22-GM
Multimedia Digital TV Demodulator for DVB-T/C/S/S2, 7x7 mm QFN-48.
Si2167B
(GND_PAD)
QFN-48
7x7mm
34
35
36
21
22
23
24
3
4
5
33
20
6
32
7
28
29
30
31
27
8
9 10 11 12
15
16
17
18
19
40
39
38
37
41
46
45
44
43
42
S_ADC_IP
S_ADC_IN
S_ADC_QP
S_ADC_QN
SDA_MAST
SCL_MAST
NC
TC_ADC_P
TC_ADC_N
TS_DATA[1]
TS_DATA[5]
TS_DATA[4]
TS_DATA[3]
GND
VDD_VIO
TS_DATA[2]
TS_DATA[0]/TS_SER
TS_CLK
TS_SYNC
47
14
48
13
2
1
26 25
TS_DATA[6]
CLK_IN_OUT
GND
VDD_VCORE
VDD_VCORE


Numéro de pièce similaire - SI2167-B22

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI2167-B22 SKYWORKS-SI2167-B22 Datasheet
151Kb / 2P
   Combo DVB-T/C/S/S2 Digital TV Demodulator
August 22, 2021
SI2167-B22-GM SKYWORKS-SI2167-B22-GM Datasheet
151Kb / 2P
   Combo DVB-T/C/S/S2 Digital TV Demodulator
August 22, 2021
More results

Description similaire - SI2167-B22

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI2167-B22 SKYWORKS-SI2167-B22 Datasheet
151Kb / 2P
   Combo DVB-T/C/S/S2 Digital TV Demodulator
August 22, 2021
logo
Silicon Laboratories
SI2169-A20 SILABS-SI2169-A20 Datasheet
62Kb / 2P
   Combo DVB-T2/T/C/S/S2 Digital TV Demodulator
SI2169-B40 SILABS-SI2169-B40 Datasheet
163Kb / 2P
   DVB-T2/T/C/S/S2 Digital TV Demodulator
logo
Skyworks Solutions Inc.
SI21672-B22 SKYWORKS-SI21672-B22 Datasheet
153Kb / 3P
   Dual DVB-T/C/S/S2 Digital TV Demodulator
August 22, 2021
logo
Silicon Laboratories
SI21672-B22 SILABS-SI21672-B22 Datasheet
166Kb / 2P
   Dual DVB-T/C/S/S2 Digital TV Demodulator
SI2167-D60 SILABS-SI2167-D60 Datasheet
160Kb / 2P
   DVB-T/C/S/S2/S2X Digital TV Demodulator
SI2169-D60 SILABS-SI2169-D60 Datasheet
167Kb / 2P
   DVB-T2/T/C/S/S2/S2X Digital TV Demodulator
logo
Skyworks Solutions Inc.
SI2160-C60 SKYWORKS-SI2160-C60 Datasheet
155Kb / 2P
   DVB-C2/S2/S2X/T/C/S Digital TV Demodulator
November 25, 2021
SI21672-D60 SKYWORKS-SI21672-D60 Datasheet
602Kb / 2P
   Dual DVB-S2/S2X/T/C/S Digital TV Demodulator
August 22, 2021
logo
Silicon Laboratories
SI2160-C60 SILABS-SI2160-C60 Datasheet
150Kb / 2P
   DVB-C2/S2/S2X/T/C/S Digital TV Demodulator
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com