Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI2157 Fiches technique(PDF) 2 Page - Silicon Laboratories

No de pièce SI2157
Description  Worldwide Digital and Analog TV Tuner
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2157 Fiches technique(HTML) 2 Page - Silicon Laboratories

  SI2157 Datasheet HTML 1Page - Silicon Laboratories SI2157 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Hybrid TV Tuner
Copyright © 2012 by Silicon Laboratories
12.19.12
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders.
Si2157
Worldwide Digital and Analog TV Tuner
Selection Guide
Selected Electrical Specifications
(VDD_H=3.3 V, VDD_L=1.8 V, VDD_D=1.8 V, TA=25 C)
Parameter
Test Condition
Typ
Unit
Supply voltage
1.8 and 3.3, or only 3.3
V
Total Power Consumption
ATV Mode, XOUT Disabled
496
mW
RF Input Frequency Range
42 to 870
MHz
NF, terrestrial*
VHF-L
4.0
dB
VHF-H
3.7
dB
UHF
3.8
dB
Return Loss*
Terrestrial mode
3
dB
Cable mode
9
dB
Wideband IIP3*
VHF-H, N
18, 36
+5
dBm
Inband IIP3*
VHF-H, N
1, 2
–6
dBm
LO Phase Noise at 860 MHz
1 kHz
10 kHz 100 kHz 1 MHz
–100
–100 –105 –132 dBc/Hz
LO Integrated Phase Noise at 860 MHz
DSB: 125 Hz to 4 MHz
0.25
(-47)
rms
(dBc)
Analog IF Spurious Distortion
S=P
–72
dB
ALIF/DLIF Output Center Frequency
channel BW=6 MHz
7 MHz 8 MHz 4 to 7 4.5 to 6.5 5 to 6
MHz
ALIF/DLIF Differential Output Voltage
Programmable
0.5 to 2.0
Vppd
*Note: Measured at the F-connector input of the Si2157 EVB and includes all connector, PCB, and front-end circuit
losses.
Part #
Description
Si2157
Worldwide hybrid TV tuner for NTSC, PAL/SECAM, ATSC/QAM, DVB-T2/T/C2/C, ISDB-T/C, DTMB
Pin Assignments
GND
PAD
23
24
25
18
19
20
21
10
11
12
13
2
3
4
5
26
27
17
9
6
16
14
7
28
VDD_L
ALIF_P
ALIF_N
DLIF_P
RSTB
RF_IP
ADDR
VDD_H
RF_IN
RF_SHLD
DLIF_N
AGC1
1
22
15
8 VDD_D
RF_REF
4x4 mm QFN-28 Package Information
4X cx c
eee
CA B
f
A
B
C
SE ATI NG PLANE
ddd
CA B
DE TAI L "A"
PIN#1 I .D.
(LA SER M ARK)
Pi n # 1 ID
e
Symbol
Min
Nom
Max
Unit
A
0.80
0.85
0.90
mm
D, E
4.00 BSC
mm
e
0.50 BSC
mm
f
3.50 BSC
mm


Numéro de pièce similaire - SI2157

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI2151 SILABS-SI2151 Datasheet
208Kb / 2P
   Worldwide Digital and Analog TV Tuner
logo
Skyworks Solutions Inc.
SI2151 SKYWORKS-SI2151 Datasheet
196Kb / 2P
   Worldwide Digital and Analog TV Tuner
August 22, 2021
logo
List of Unclassifed Man...
SI2156 ETC2-SI2156 Datasheet
60Kb / 2P
   Worldwide High-Performance TV Tuner IC for Analog and Digital Standards
SI2156-B30 ETC2-SI2156-B30 Datasheet
60Kb / 2P
   Worldwide High-Performance TV Tuner IC for Analog and Digital Standards
logo
Silicon Laboratories
SI2158 SILABS-SI2158 Datasheet
122Kb / 2P
   Worldwide Digital and Analog TV Tuner
More results

Description similaire - SI2157

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI2158 SILABS-SI2158 Datasheet
122Kb / 2P
   Worldwide Digital and Analog TV Tuner
logo
Skyworks Solutions Inc.
SI2151 SKYWORKS-SI2151 Datasheet
196Kb / 2P
   Worldwide Digital and Analog TV Tuner
August 22, 2021
logo
Silicon Laboratories
SI2151 SILABS-SI2151 Datasheet
208Kb / 2P
   Worldwide Digital and Analog TV Tuner
logo
Skyworks Solutions Inc.
SI2177 SKYWORKS-SI2177 Datasheet
208Kb / 2P
   Worldwide Digital and Analog TV Tuner with Analog Demodulator
August 22, 2021
logo
Silicon Laboratories
SI2177 SILABS-SI2177 Datasheet
61Kb / 2P
   Worldwide Digital and Analog TV Tuner with Analog Demodulator
SI2178 SILABS-SI2178 Datasheet
117Kb / 2P
   Worldwide Digital and Analog TV Tuner with Analog Demodulator
SI2147 SILABS-SI2147 Datasheet
59Kb / 2P
   Worldwide Digital TV Tuner
logo
Skyworks Solutions Inc.
SI2141 SKYWORKS-SI2141 Datasheet
190Kb / 2P
   Worldwide Digital TV Tuner
August 9, 2021
logo
Silicon Laboratories
SI2148 SILABS-SI2148 Datasheet
123Kb / 2P
   Worldwide Digital TV Tuner
SI2141 SILABS-SI2141 Datasheet
206Kb / 2P
   Worldwide Digital TV Tuner
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com