Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI2144 Fiches technique(PDF) 2 Page - Silicon Laboratories

No de pièce SI2144
Description  Worldwide Digital Set-Top Box Tuner
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2144 Fiches technique(HTML) 2 Page - Silicon Laboratories

  SI2144 Datasheet HTML 1Page - Silicon Laboratories SI2144 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Digital Set Top Box Tuner
Copyright © 2015 by Silicon Laboratories
2.26.2015
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
Si2144
Worldwide Digital Set-Top Box Tuner
Selected Electrical Specifications
(VDDH = 3.3 V, VDDL = 1.8 V, TA = 25 °C)
Parameter
Test Condition
Typ
Unit
Supply voltage
1.8 and 3.3, or only 3.3
V
Total Power Consumption
External 1.8 V supply, LT disabled
486
mW
RF Input Frequency Range
42 to 870
MHz
NF, cable mode
VHF-L1 (42–106 MHz)
4.8
dB
VHF-L2 (107–247 MHz)
2.8
dB
VHF-H (248–470 MHz)
3.5
dB
UHF (471–870 MHz)
4.8
dB
Input Return Loss*
Cable mode
8
dB
Composite Triple Beat
–56
dBc
Composite Second Order
–68
dBc
LO Phase Noise at 860 MHz
1 kHz | 10 kHz | 100 kHz | 1 MHz
–100 | –100 | –105 | –132
dBc/Hz
LO Integrated Phase Noise at 860 MHz
DSB: 125 Hz to 4 MHz
0.25
(–47)
°rms
(dBc)
LIF Output Center Frequency
Channel BW = 6 MHz | 7 MHz | 8 MHz
4 to 7 | 4.5 to 6.5 | 5 to 6
MHz
LIF Differential Output Voltage
Programmable
0.5 to 2.0
Vppd
Loop-Through Output (China DVB-C Mode)
RF Frequency Range (LT only)
42 to 870
MHz
LT Output Return Loss (Active)
8
dB
LT Noise Figure (Active)
Max gain
7.1
dB
LT Gain
Active mode
2.9
dB
Zero-power mode
–2.2
dB
*Note: Includes all connector, PCB and front-end circuit losses at the F-connector input of the Si2144 EVB.
Selection Guide
Part #
Description
Si2144
Worldwide digital Set Top Box tuner for ATSC/QAM, DVB-T2/T/C2/C, ISDB-T/C, DTMB
Pin Assignments
1
2
7
8
9
10
11
12
13
20
19
18
GND
PAD
LIF_P
LIF_N
VDDH
GND
VDDL
XOUT
RF_REF
RF_IP
GND
RF_IN
ADDR
GPIO1
17
16
15
14
3
4
5
6
21
22
24
23
3x3 mm QFN-24 Package Information
 
Dimension
Min
Nom
Max
Unit
A
0.80
0.85
0.90
mm
D, E
3.00 BSC
mm
e
0.40 BSC
mm
e1
0.45 BSC
mm
J, K
1.60
1.70
1.80
mm


Numéro de pièce similaire - SI2144

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI2144 SKYWORKS-SI2144 Datasheet
195Kb / 2P
   Worldwide Digital Set-Top Box Tuner
August 22, 2021
More results

Description similaire - SI2144

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI2144 SKYWORKS-SI2144 Datasheet
195Kb / 2P
   Worldwide Digital Set-Top Box Tuner
August 22, 2021
logo
Silicon Laboratories
SI2124 SILABS-SI2124 Datasheet
86Kb / 2P
   Digital Terrestrial Set-Top Box Tuner
logo
Skyworks Solutions Inc.
SI2124 SKYWORKS-SI2124 Datasheet
190Kb / 2P
   Digital Terrestrial Set-Top Box Tuner
August 9, 2021
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
logo
List of Unclassifed Man...
MT2050 ETC1-MT2050 Datasheet
288Kb / 2P
   CABLE MODEM TUNER AND DIGITAL SET-TOP BOX APPLICATIONS
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034_06 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
logo
Silicon Laboratories
SI2147 SILABS-SI2147 Datasheet
59Kb / 2P
   Worldwide Digital TV Tuner
logo
Skyworks Solutions Inc.
SI2141 SKYWORKS-SI2141 Datasheet
190Kb / 2P
   Worldwide Digital TV Tuner
August 9, 2021
logo
Silicon Laboratories
SI2148 SILABS-SI2148 Datasheet
123Kb / 2P
   Worldwide Digital TV Tuner
SI2141 SILABS-SI2141 Datasheet
206Kb / 2P
   Worldwide Digital TV Tuner
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com