Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4784 Fiches technique(PDF) 10 Page - Silicon Laboratories

No de pièce SI4784
Description  Si47XX PROGRAMMING GUIDE
Download  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4784 Fiches technique(HTML) 10 Page - Silicon Laboratories

Back Button SI4784 Datasheet HTML 6Page - Silicon Laboratories SI4784 Datasheet HTML 7Page - Silicon Laboratories SI4784 Datasheet HTML 8Page - Silicon Laboratories SI4784 Datasheet HTML 9Page - Silicon Laboratories SI4784 Datasheet HTML 10Page - Silicon Laboratories SI4784 Datasheet HTML 11Page - Silicon Laboratories SI4784 Datasheet HTML 12Page - Silicon Laboratories SI4784 Datasheet HTML 13Page - Silicon Laboratories SI4784 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 302 page
background image
AN332
10
Rev. 1.0
0x2C01
TX_RDS_PI2
Sets transmit RDS program identifier. 0x40A7
Si4711/13/21
0x2C02
TX_RDS_PS_MIX2
Configures mix of RDS PS Group
with RDS Group Buffer.
0x0003
Si4711/13/21
0x2C03
TX_RDS_PS_MISC2
Miscellaneous bits to transmit along
with RDS_PS Groups.
0x1008
Si4711/13/21
0x2C04
TX_RDS_PS_REPEAT_COUNT2
Number of times to repeat transmis-
sion of a PS message before trans-
mitting the next PS message.
0x0003
Si4711/13/21
0x2C05
TX_RDS_PS_MESSAGE_COUNT2 Number of PS messages in use.
0x0001
Si4711/13/21
0x2C06
TX_RDS_PS_AF2
RDS Program Service Alternate Fre-
quency. This provides the ability to
inform the receiver of a single alter-
nate frequency using AF Method A
coding and is transmitted along with
the RDS_PS Groups.
0xE0E0 Si4711/13/21
0x2C07
TX_RDS_FIFO_SIZE2
Number of blocks reserved for the
FIFO. Note that the value written
must be one larger than the desired
FIFO size.
0x0000
Si4711/13/21
Table 5. FM Transmitter Property Summary (Continued)
Prop
Name
Description
Default
Available In
Notes:
1.
Digital Audio Input feature (property DIGITAL_INPUT_FORMAT and DIGITAL_INPUT_SAMPLE_RATE) is supported
in FMTX component 2.0 or later.
2.
RDS feature (command TX_RDS_BUFF, TX_RDS_PS and RDS properties 0x2103, 0x2C00 through 2C07) is
supported in FMTX component 2.0 or later.
3.
Limiter feature (LIMITEN bit in TX_ACOMP_ENABLE and property TX_LIMITER_RELEASE_TIME) is supported in
FMTX component 2.0 or later.


Numéro de pièce similaire - SI4784

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4784 SILABS-SI4784 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
Si4784 SILABS-Si4784 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
More results

Description similaire - SI4784

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
AN346 SILABS-AN346 Datasheet
964Kb / 2P
   Si47XX EVALUATION BOARD QUICK-START GUIDE
logo
Motorola, Inc
MC68HC05C4 MOTOROLA-MC68HC05C4 Datasheet
3Mb / 64P
   PROGRAMMING REFRERENCE GUIDE
logo
Silicon Laboratories
AN645 SILABS-AN645 Datasheet
2Mb / 202P
   Si477X PROGRAMMING GUIDE
logo
List of Unclassifed Man...
SPL11A ETC-SPL11A Datasheet
1Mb / 42P
   SPL11A PROGRAMMING GUIDE
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Silicon Laboratories
AN610 SILABS-AN610 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
AN349 SILABS-AN349 Datasheet
1Mb / 14P
   Si4708/09 PROGRAMMING GUIDE
logo
Motorola, Inc
M68HC11ERG MOTOROLA-M68HC11ERG Datasheet
1Mb / 60P
   M68HC11E Series Programming Reference Guide
logo
Cypress Semiconductor
CY3207ISSP CYPRESS-CY3207ISSP Datasheet
435Kb / 18P
   In-System Serial Programming (ISSP) Guide
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01_03 Datasheet
114Kb / 10P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE PROGRAMMING GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com