Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL2304NZZI-1ZT Fiches technique(PDF) 5 Page - Silicon Laboratories

No de pièce SL2304NZZI-1ZT
Description  Low Jitter and Skew DC to 140MHz Clock Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL2304NZZI-1ZT Fiches technique(HTML) 5 Page - Silicon Laboratories

  SL2304NZZI-1ZT Datasheet HTML 1Page - Silicon Laboratories SL2304NZZI-1ZT Datasheet HTML 2Page - Silicon Laboratories SL2304NZZI-1ZT Datasheet HTML 3Page - Silicon Laboratories SL2304NZZI-1ZT Datasheet HTML 4Page - Silicon Laboratories SL2304NZZI-1ZT Datasheet HTML 5Page - Silicon Laboratories SL2304NZZI-1ZT Datasheet HTML 6Page - Silicon Laboratories SL2304NZZI-1ZT Datasheet HTML 7Page - Silicon Laboratories SL2304NZZI-1ZT Datasheet HTML 8Page - Silicon Laboratories SL2304NZZI-1ZT Datasheet HTML 9Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Rev 2.1, May 6, 2008
Page 5 of 9
SL2304NZ
DC Electrical Characteristics (C-Grade and VDD=3.3V)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range 0 to +70°C
Description
Symbol
Condition
Min
Typ
Max
Unit
Input Low Voltage
VINL
CLKIN and OE
0.8
V
Input High Voltage
VINH
CLKIN and OE
2.0
VDD+0.3
V
Input Low Current
IINL
0 < VIN < 0.8V
-5
+/-2
5
µA
Input High Current
IINH
2.4V < VIN < VDD
-5
+/-2
5
µA
Output Low Voltage
VOL1
IOL=24mA
0.80
V
VOL2
IOL=12mA
0.55
V
Output High Voltage
VOH1
IOH=-24mA
2.0
V
VOH1
IOH=-12mA
2.4
V
Power Supply Current
IDD1
CLKIN=33MHz
CL=0 (No load at outputs)
7
11
mA
Power Supply Current
IDD2
CLKIN=66MHz
CL=0 (No load at outputs)
9
14
mA
Power Supply Current
IDD3
CLKIN=133MHz
CL=0 (No load at outputs)
12
18
mA
Switching Electrical Characteristics (C-Grade and VDD=3.3V)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range 0 to +70°C
Description
Symbol
Condition
Min
Typ
Max
Unit
Output Frequency Range
FOUT1
CL=15pF
DC
140
MHz
FOUT1
CL=30pF
DC
100
MHz
Output Rise/Fall Time
tr/f-1
Measured at 0.8V to 2.0V
CL=15pF
2.0
ns
Output Rise/Fall Time
tr/f-2
Measured at 0.8V to 2.0V
CL=30pF
2.4
ns
Input Duty Cycle
DC1
Measured at VDD/2
20
50
80
%
Output Duty Cycle
DC2
CL=15pF, Fout=140MHz
Measured at VDD/2
45
55
%
Output Duty Cycle
DC3
CL=30pF, Fout=100MHz
Measured at VDD/2
40
60
%
Output to Output Skew
SKW1
Measured at VDD/2 and
Outputs are equally loaded
50
100
ps
Part to Part Skew
SKW2
Measured at VDD/2 and
Outputs are equally loaded
100
200
ps
Propagation Delay Time
PDT
Measured at VDD/2 from CLKIN to
Output Clock rising edge
1.5
2.5
3.5
ns
Cycle-to-Cycle Jitter
CCJ1
CLKIN=66MHz and CL=15
75
150
ps
Cycle-to-Cycle Jitter
CCJ2
CLKIN=133MHz and CL=15
50
100
ps


Numéro de pièce similaire - SL2304NZZI-1ZT

FabricantNo de pièceFiches techniqueDescription
logo
SpectraLinear Inc
SL2304NZZI-1ZT SPECTRALINEAR-SL2304NZZI-1ZT Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
More results

Description similaire - SL2304NZZI-1ZT

FabricantNo de pièceFiches techniqueDescription
logo
SpectraLinear Inc
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
SL2304NZ SPECTRALINEAR-SL2304NZ Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
logo
Silicon Laboratories
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
CY7B9910 CYPRESS-CY7B9910_07 Datasheet
371Kb / 11P
   Low Skew Clock Buffer
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
   Low skew, low jitter, PLL clock buffer with divider or multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com