Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL2304NZ Fiches technique(PDF) 1 Page - Silicon Laboratories

No de pièce SL2304NZ
Description  Low Jitter and Skew DC to 140MHz Clock Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL2304NZ Fiches technique(HTML) 1 Page - Silicon Laboratories

  SL2304NZ Datasheet HTML 1Page - Silicon Laboratories SL2304NZ Datasheet HTML 2Page - Silicon Laboratories SL2304NZ Datasheet HTML 3Page - Silicon Laboratories SL2304NZ Datasheet HTML 4Page - Silicon Laboratories SL2304NZ Datasheet HTML 5Page - Silicon Laboratories SL2304NZ Datasheet HTML 6Page - Silicon Laboratories SL2304NZ Datasheet HTML 7Page - Silicon Laboratories SL2304NZ Datasheet HTML 8Page - Silicon Laboratories SL2304NZ Datasheet HTML 9Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev 2.1, May 6, 2008
Page 1 of 9
2400 West Cesar Chavez, Austin, TX 78701
1+(512) 416-8500
1+(512) 416-9669
www.silabs.com
SL2304NZ
Key Features
• DC to 140 MHz operating frequency range
• Low output clock skew: 50ps-typ
• Low part-to-part output skew: 100 ps-typ
• Low output propogation delay: 2.5ns-typ
• 3.3V +/-10% operation supply voltage
• Low power dissipation:
- 7 mA-typ at 33MHz
- 9 mA-typ at 66MHz
- 12 mA-typ at 133MHz
• One input to four output fanout buffer drivers
• Output Enable (OE) control function
• Available in 8-pin TSSOP package
• Available in Commercial and Industrial grades
• Available in Lead (Pb) free package
Applications
• General Purpose PCI/PCI-X Clock Buffer
• Printers, MFPs and Digital Copiers
• PCs and Work Stations
• Routers, Switches and Servers
• Datacom and Telecom
• High-Speed Digital Embeded Systems
Description
The SL2304NZ is a low skew, jitter and power fanout
Buffer designed to produce up to four (4) clock outputs
from one (1) reference input clock, for high speed clock
distribution, including PCI/PCI-X applications.
The SL2304NZ products operate from DC to 140MHz.
The only difference between SL2304NZ-1 and SL2304NZ-
1Z is the OE logic implementation. Refer to the Available
OE Logic Configuration Table. 1
Refer to SL23EP04NZ products for DC to 220MHz-max
frequency range and 2.5V to 3.3V power supply operation,
improved skew, jitter and higher drive options.
Benefits
• Up to four (4) distribution of input clock
• Low propogation delay
• Low output-to-output skew
• Low output clock Jitter
• Low power dissipation
Block Diagram
Logic
Control
CLK1
CLK2
CLK3
CLK4
CLKIN
OE
GND
VDD
Low Jitter and Skew DC to 140MHz Clock Buffer


Numéro de pièce similaire - SL2304NZ

FabricantNo de pièceFiches techniqueDescription
logo
SpectraLinear Inc
SL2304NZ SPECTRALINEAR-SL2304NZ Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
SL2304NZZC-1 SPECTRALINEAR-SL2304NZZC-1 Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
SL2304NZZC-1T SPECTRALINEAR-SL2304NZZC-1T Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
SL2304NZZC-1Z SPECTRALINEAR-SL2304NZZC-1Z Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
SL2304NZZC-1ZT SPECTRALINEAR-SL2304NZZC-1ZT Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
More results

Description similaire - SL2304NZ

FabricantNo de pièceFiches techniqueDescription
logo
SpectraLinear Inc
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
SL2304NZ SPECTRALINEAR-SL2304NZ Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
logo
Silicon Laboratories
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
CY7B9910 CYPRESS-CY7B9910_07 Datasheet
371Kb / 11P
   Low Skew Clock Buffer
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
   Low skew, low jitter, PLL clock buffer with divider or multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com