Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI88241ED-IS Fiches technique(PDF) 5 Page - Silicon Laboratories

No de pièce SI88241ED-IS
Description  QUAD DIGITAL ISOLATORS WITH DC-DC CONVERTER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI88241ED-IS Fiches technique(HTML) 5 Page - Silicon Laboratories

  SI88241ED-IS Datasheet HTML 1Page - Silicon Laboratories SI88241ED-IS Datasheet HTML 2Page - Silicon Laboratories SI88241ED-IS Datasheet HTML 3Page - Silicon Laboratories SI88241ED-IS Datasheet HTML 4Page - Silicon Laboratories SI88241ED-IS Datasheet HTML 5Page - Silicon Laboratories SI88241ED-IS Datasheet HTML 6Page - Silicon Laboratories SI88241ED-IS Datasheet HTML 7Page - Silicon Laboratories SI88241ED-IS Datasheet HTML 8Page - Silicon Laboratories SI88241ED-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Si88x4x
Preliminary Rev. 0.6
5
No Load Supply Current
IDDP
Si8844x, Si8864x
IDDPQ_DCDC3
See Figure 3
VIN = 24 V
0.8
mA
No Load Supply Current
IDDA
Si8844x, Si8864x
IDDAQ_DCDC4
See Figure 3
VIN = 24 V
5.8
mA
Peak Efficiency
Si8824x, Si8834x
Si8844x, Si8864x
See Figure 2, 3
78
83
%
Voltage Regulator Refer-
ence Voltage
Si8844x, Si8864x
VREGA,
VREGB
IREG =600 µA
See Figure 30 for typical I–V
curve
4.8
V
VREG tempco
KTVREG
–0.43
mV/°C
VREG input current
IREG
350
950
µA
Soft Start Time, Full Load
Si8824x, Si8844x
Si8834x, Si8864x
tSST
See Figures 25 through 28 for
typical soft start times over
load conditions.
25
50
ms
Restart Delay from fault
event
tOTP
21
s
Digital Isolator
VDD Undervoltage
Threshold
VDDUV+
VDDA, VDDB rising
2.7
V
VDD Undervoltage
Threshold
VDDUV–
VDDA, VDDB falling
2.6
V
VDD Undervoltage
Hysteresis
VDDHYS
100
mV
Positive-Going Input
Threshold
VT+
All inputs rising
1.67
V
Table 2. Electrical Characteristics1 (Continued)
VIN =24 V; VDDA = 4.3 V (see Figure 3) for all Si8844x/64x; VDDA =VDDP = 3.0 to 5.5 V (see Figure 2) for all Si8824x/34x;
TA = –40 to 125 °C unless otherwise noted
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. Over recommended operating conditions as noted in Table 1.
2. VOUT = VSNS x (1 + R1/R2) + R1 x Ioffset
3. VDDP current needed for dc-dc circuits.
4. VDDA current needed for dc-dc circuits.
5. The nominal output impedance of an isolator driver channel is approximately 50
, ±40%, which is a combination of the
value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads
where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces.
6. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.
7. Start-up time is the time period from when the UVLO threshold is exceeded to valid data at the output.


Numéro de pièce similaire - SI88241ED-IS

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI88241ED-IS SILABS-SI88241ED-IS Datasheet
220Kb / 7P
   installed on the evaluation board
logo
Skyworks Solutions Inc.
SI88241ED-IS SKYWORKS-SI88241ED-IS Datasheet
1Mb / 51P
   Quad Digital Isolators with DC-DC Converter
A July 2022
More results

Description similaire - SI88241ED-IS

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI88X4X SKYWORKS-SI88X4X Datasheet
1Mb / 51P
   Quad Digital Isolators with DC-DC Converter
A July 2022
SI88X2X SKYWORKS-SI88X2X Datasheet
1Mb / 48P
   Dual Digital Isolators with DC-DC Converter
Rev. 1.04
logo
Silicon Laboratories
SI88620ED-IS SILABS-SI88620ED-IS Datasheet
768Kb / 45P
   DUAL DIGITAL ISOLATORS WITH DC-DC CONVERTER
logo
Analog Devices
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401W AD-ADUM5401W Datasheet
452Kb / 20P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
ADUM5401 AD-ADUM5401 Datasheet
587Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM6400 AD-ADUM6400 Datasheet
593Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A_V01 Datasheet
732Kb / 31P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com