Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCP1803RTHT Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce CDCP1803RTHT
Description  1:3 LVPECL CLOCK BUFFER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CDCP1803RTHT Fiches technique(HTML) 8 Page - Texas Instruments

Back Button CDCP1803RTHT Datasheet HTML 4Page - Texas Instruments CDCP1803RTHT Datasheet HTML 5Page - Texas Instruments CDCP1803RTHT Datasheet HTML 6Page - Texas Instruments CDCP1803RTHT Datasheet HTML 7Page - Texas Instruments CDCP1803RTHT Datasheet HTML 8Page - Texas Instruments CDCP1803RTHT Datasheet HTML 9Page - Texas Instruments CDCP1803RTHT Datasheet HTML 10Page - Texas Instruments CDCP1803RTHT Datasheet HTML 11Page - Texas Instruments CDCP1803RTHT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
−160
−155
−150
−145
−140
−135
−130
−125
−120
−115
−110
VDD = 3.3 V
TA = 25°C
f = 622 MHz
÷1 Mode
f − Frequency Offset From Carrier − Hz
10
100
1k
100M
10k
100k
10M
1M
G001
f − Frequency − GHz
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
TA = 25°C
Load = 50
Ω to VDD − 2 V
VDD = 3.6 V
VDD = 3.3 V
VDD = 3 V
G002
CDCP1803
SCAS727F – NOVEMBER 2003 – REVISED DECEMBER 2013
www.ti.com
ADDITIVE PHASE NOISE
LVPECL OUTPUT SWING
vs
vs
FREQUENCY OFFSET FROM CARRIER – LVPECL
FREQUENCY
Figure 2.
Figure 3.
SUPPLY CURRENT ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
All outputs enabled and terminated with 50
Ω to
Full load
VDD – 2 V on LVPECL outputs, f = 800 MHz for LVPECL
140
outputs, VDD = 3.3 V
Supply current
IDD
Outputs enabled, no output load, f = 800 MHz for LVPECL
90
mA
No load
outputs, VDD = 3.6 V
Supply current saving per LVPECL
f = 800 MHz for LVPECL output, VDD = 3.3 V
10
output stage disabled, no load
All outputs in high-impedance state by control logic,
IDDZ
Supply current, 3-state
0.5
mA
f = 0 Hz, VDD = 3.6 V
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links :CDCP1803


Numéro de pièce similaire - CDCP1803RTHT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803-EP TI1-CDCP1803-EP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803MRGETEP TI1-CDCP1803MRGETEP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
More results

Description similaire - CDCP1803RTHT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803-EP TI1-CDCP1803-EP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
logo
Integrated Device Techn...
85352 IDT-85352 Datasheet
358Kb / 20P
   LVPECL Clock Buffer
logo
Pericom Semiconductor C...
PI6C4911504D2 PERICOM-PI6C4911504D2 Datasheet
1Mb / 14P
   LVPECL Clock Buffer
logo
Asahi Kasei Microsystem...
AK8181A AKM-AK8181A Datasheet
253Kb / 8P
   3.3V LVPECL 1:4 Clock Fanout Buffer
logo
Dialog Semiconductor
SLG3SY3952 DIALOG-SLG3SY3952 Datasheet
117Kb / 10P
   1:3 Clock Buffer
logo
Silicon Laboratories
SI53321 SILABS-SI53321 Datasheet
1Mb / 28P
   1:10 LOW JITTER LVPECL CLOCK BUFFER
SI53322 SILABS-SI53322 Datasheet
1Mb / 22P
   1:2 LOW JITTER LVPECL CLOCK BUFFER
SI53320 SILABS-SI53320 Datasheet
1Mb / 25P
   1:5 LOW JITTER LVPECL CLOCK BUFFER
logo
Asahi Kasei Microsystem...
AK8181C AKM-AK8181C Datasheet
446Kb / 8P
   3.3V LVPECL 1:2 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com