Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCP1803RTHR Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce CDCP1803RTHR
Description  1:3 LVPECL CLOCK BUFFER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CDCP1803RTHR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button CDCP1803RTHR Datasheet HTML 5Page - Texas Instruments CDCP1803RTHR Datasheet HTML 6Page - Texas Instruments CDCP1803RTHR Datasheet HTML 7Page - Texas Instruments CDCP1803RTHR Datasheet HTML 8Page - Texas Instruments CDCP1803RTHR Datasheet HTML 9Page - Texas Instruments CDCP1803RTHR Datasheet HTML 10Page - Texas Instruments CDCP1803RTHR Datasheet HTML 11Page - Texas Instruments CDCP1803RTHR Datasheet HTML 12Page - Texas Instruments CDCP1803RTHR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
130
135
140
145
150
100
300
500
700
900
1100
1300
1500
f − Frequency − MHz
3 LVPECL Outputs
(P1) Running
VDD = 3.3 V,
TA = 255C,
50 W to VDD −2 V for LVPECL
G003
CDCP1803
www.ti.com
SCAS727F – NOVEMBER 2003 – REVISED DECEMBER 2013
SUPPLY CURRENT
vs
FREQUENCY
Figure 4.
PACKAGE THERMAL RESISTANCE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
4-layer JEDEC test board (JESD51-7),
RθJA-1
QFN-24 package thermal resistance(1)
106.6
°C/W
airflow = 0 ft/min
4-layer JEDEC test board (JESD51-7) with four
QFN-24 package thermal resistance
RθJA-2
thermal vias of 22-mil diameter each,
55.4
°C/W
with thermal vias in PCB(1)
airflow = 0 ft/min
(1)
It is recommended to provide four thermal vias to connect the thermal pad of the package effectively with the PCB and ensure a good
heat sink.
Example:
Calculation of the junction-lead temperature with a 4-layer JEDEC test board using four thermal vias:
TChassis = 85°C (temperature of the chassis)
Peffective = Imax × Vmax = 90 mA × 3.6 V = 324 mW (max power consumption inside the package)
θTJunction = θJA-2 × Peffective = 55.45°C/W × 324 mW = 17.97°C
TJunction = θTJunction + TChassis = 17.97°C + 85°C = 103°C (the maximum junction temperature of
Tdie-max = 125°C is not violated)
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links :CDCP1803


Numéro de pièce similaire - CDCP1803RTHR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803-EP TI1-CDCP1803-EP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803MRGETEP TI1-CDCP1803MRGETEP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
More results

Description similaire - CDCP1803RTHR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803-EP TI1-CDCP1803-EP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
logo
Integrated Device Techn...
85352 IDT-85352 Datasheet
358Kb / 20P
   LVPECL Clock Buffer
logo
Pericom Semiconductor C...
PI6C4911504D2 PERICOM-PI6C4911504D2 Datasheet
1Mb / 14P
   LVPECL Clock Buffer
logo
Asahi Kasei Microsystem...
AK8181A AKM-AK8181A Datasheet
253Kb / 8P
   3.3V LVPECL 1:4 Clock Fanout Buffer
logo
Dialog Semiconductor
SLG3SY3952 DIALOG-SLG3SY3952 Datasheet
117Kb / 10P
   1:3 Clock Buffer
logo
Silicon Laboratories
SI53321 SILABS-SI53321 Datasheet
1Mb / 28P
   1:10 LOW JITTER LVPECL CLOCK BUFFER
SI53322 SILABS-SI53322 Datasheet
1Mb / 22P
   1:2 LOW JITTER LVPECL CLOCK BUFFER
SI53320 SILABS-SI53320 Datasheet
1Mb / 25P
   1:5 LOW JITTER LVPECL CLOCK BUFFER
logo
Asahi Kasei Microsystem...
AK8181C AKM-AK8181C Datasheet
446Kb / 8P
   3.3V LVPECL 1:2 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com