Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCM7005ZVAT Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce CDCM7005ZVAT
Description  3.3-V High Performance Clock Synchronizer and Jitter Cleaner
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM7005ZVAT Fiches technique(HTML) 11 Page - Texas Instruments

Back Button CDCM7005ZVAT Datasheet HTML 7Page - Texas Instruments CDCM7005ZVAT Datasheet HTML 8Page - Texas Instruments CDCM7005ZVAT Datasheet HTML 9Page - Texas Instruments CDCM7005ZVAT Datasheet HTML 10Page - Texas Instruments CDCM7005ZVAT Datasheet HTML 11Page - Texas Instruments CDCM7005ZVAT Datasheet HTML 12Page - Texas Instruments CDCM7005ZVAT Datasheet HTML 13Page - Texas Instruments CDCM7005ZVAT Datasheet HTML 14Page - Texas Instruments CDCM7005ZVAT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
fOut − Output Frequency − MHz
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
50
250
450
650
850
1050
1250
1450
1650
1850
VCC = 3.3 V
TA = 25°C
Termination = 50 to VCC − 2 V
G005
f − Frequency − MHz
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
50
100
150
200
250
300
350
400
450
500
G006
TA = 25°C
Load = 5 pF (See Figure 12)
VCC = 3 V
VCC = 3.6 V
VCC = 3.3 V
0
50
100
150
200
250
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Output Frequency − MHz
0
100
200
300
400
500
600
700
800
900
for 1 output
for 1 output pair
no output active
one output active div−by−1
one output pair active div−by−1
all outputs active div−by−1
all outputs active div−by−3
for div−by−3/6
VCC = 3.3 V
TA = 25°C
Load = 10 pF
0
50
100
150
200
50
100
150
200
250
300
Output Frequency − MHz
0
100
200
300
400
500
600
700
800
Vcc = 3.3V
load = 5 pF
for 1 output
for 1 output pair
no output active
one output active div−by−1
one output pair active div−by−1
all outputs active div−by−1
all outputs active div−by−3
for div−by−3/6
TA = 25C
VCXO_IN Input Frequency − MHz
50
70
90
110
130
150
170
190
210
230
250
50
250
450
650
850
1050
1250
1450
1650
1850
2050
VCC = 3.3 V
TA = 25°C
All Output Pairs Active (4 div-by-8 / 1 div-by-3)
All Output Pairs Active (div-by-1)
All Output Pairs Active (div-by-8)
D for div-by-2/4/8/16
One Output Pair Active (div-by-8)
D For 1 Output Pair
D For div-by-3/6
G001
No Output Active
50
150
250
350
450
550
650
750
50
250
450
650
850
1050
1250
1450
1650
1850
2050
VCXO_IN Input Frequency − MHz
VCC = 3.3 V
TA = 25°C
All Output Pairs Active (4 div-by-8 / 1 div-by-3)
All Output Pairs Active (div-by-1)
All Output Pairs Active (div-by-8)
One Output Pair Active (div-by-8)
G002
No Output Active
CDCM7005
www.ti.com
SCAS793F – JUNE 2005 – REVISED JULY 2015
7.7 Typical Characteristics
If div-by-2/4/8/16 is activated for one or more outputs, '
Δ for div-by-
2/4/8/16' has to be added to ICC of div-by-1. If div-by-3 or div-by-6 is
activated, '
Δ for div-by-2/4/8/16' and 'Δ for div-by3/6' has to be added
to ICC of div-by-1.
Figure 2. LVPECL Device Power Consumption vs Number of
Figure 1. LVPECL Supply Current vs Number of Active
Active Outputs
Outputs
It is not recommended to exceed power dissipation of 700 mW for the It is not recommended to exceed power dissipation of 700 mW for the
BGA package at TA 85°C.
BGA package at TA 85°C.
Figure 3. LVCMOS Supply Current and Device Power
Figure 4. LVCMOS Supply Current and Device Power
Consumption vs Number of Active Outputs (Load = 5 pF)
Consumption vs Number of Active Outputs (Load = 10 pF)
Figure 6. LVCMOS Output Swing vs Frequency
Figure 5. Differential LVPECL Output Voltage vs Output
Frequency
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: CDCM7005


Numéro de pièce similaire - CDCM7005ZVAT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCM7005ZVAT TI-CDCM7005ZVAT Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005ZVAT TI-CDCM7005ZVAT Datasheet
1Mb / 45P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
More results

Description similaire - CDCM7005ZVAT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCM7005 TI-CDCM7005 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005 TI-CDCM7005_13 Datasheet
1Mb / 45P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005-SP TI1-CDCM7005-SP Datasheet
570Kb / 41P
[Old version datasheet]   3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
CDC7005RGZT TI-CDC7005RGZT Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
CDCM7005-SP TI1-CDCM7005-SP_16 Datasheet
1Mb / 49P
[Old version datasheet]   CDCM7005-SP 3.3-V High Performance Rad-Tolerant Class V, Clock Synchronizer and Jitter Cleaner
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com