Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI88241BD-IS Fiches technique(PDF) 1 Page - Silicon Laboratories

No de pièce SI88241BD-IS
Description  QUAD DIGITAL ISOLATORS WITH DC-DC CONVERTER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI88241BD-IS Fiches technique(HTML) 1 Page - Silicon Laboratories

  SI88241BD-IS Datasheet HTML 1Page - Silicon Laboratories SI88241BD-IS Datasheet HTML 2Page - Silicon Laboratories SI88241BD-IS Datasheet HTML 3Page - Silicon Laboratories SI88241BD-IS Datasheet HTML 4Page - Silicon Laboratories SI88241BD-IS Datasheet HTML 5Page - Silicon Laboratories SI88241BD-IS Datasheet HTML 6Page - Silicon Laboratories SI88241BD-IS Datasheet HTML 7Page - Silicon Laboratories SI88241BD-IS Datasheet HTML 8Page - Silicon Laboratories SI88241BD-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Preliminary Rev. 0.6 7/15
Copyright © 2015 by Silicon Laboratories
Si88x4x
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Si88x4x
Q UAD D IGITAL I SOLATORS WITH DC-DC C ONVERTER
Features
Applications
Safety Approval (Pending)
Description
The Si88xx integrates Silicon Labs’ proven digital isolator technology with an
on-chip isolated dc-dc converter that provides regulated output voltages of
3.3 or 5.0 V (or >5 V with external components) at peak output power levels
of up to 5 W. These devices provide up to four digital channels. The dc-dc
converter has user-adjustable frequency for minimizing emissions, a soft-start
function for safety, a shut-down option and loop compensation. The device
requires only minimal passive components and a miniature transformer.
The ultra-low-power digital isolation channels offer substantial data rate,
propagation delay, size and reliability advantages over legacy isolation
technologies. Data rates up to 100 Mbps max are supported, and all devices
achieve propagation delays of only 23 ns max. Ordering options include a
choice of dc-dc converter features, isolation channel configurations and a fail-
safe mode. All products are certified by UL, CSA, VDE, and CQC.
High-speed isolators with
integrated dc-dc converter
Fully-integrated secondary sensing
feedback-controlled converter with
dithering for low EMI
dc-dc converter peak efficiency of
83% with external power switch
Up to 5 W isolated power with
external power switch
Options include dc-dc shutdown,
frequency control, and soft start
Standard Voltage Conversion

3/5 V to isolated 3/5 V

24 V to isolated 3/5 V supported
Precise timing on digital isolators

0–100 Mbps

18 ns typical prop delay
Highly-reliable: 100 year lifetime
High electromagnetic immunity and
ultra-low emissions
RoHS compliant packages

SOIC-20 wide body

SOIC-24 wide body
Isolation of up to 5000 Vrms
High transient immunity of
100 kV/µs (typical)
AEC-Q100 qualified
Wide temp range

–40 to +125 °C
Industrial automation systems
Hybrid electric and electric
vehicles
Isolated power supplies
Inverters
Data acquisition
Motor control
PLCs, distributed control systems
UL 1577 recognized

Up to 5000 Vrms for 1 minute

CSA component notice 5A
approval
VDE certification conformity

VDE 0884-10
CQC certification approval

GB4943.1
Patents pending
Ordering Information:
See page 38.
Pin Assignments
See page 33
1
2
3
4
5
6
9
10
20
19
18
17
16
15
12
11
HF
XMTR
HF
XMTR
HF
RCVR
HF
RCVR
GNDP
VSW
VDDP
VDDA
GNDA
SH
A3
A4
GNDB
VDDB
DNC
NC
VSNS
COMP
B3
B4
7
8
14
13
A1
A2
B1
B2
HF
XMTR
HF
XMTR
HF
RCVR
HF
RCVR
Si88240


Numéro de pièce similaire - SI88241BD-IS

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI88241BD-IS SKYWORKS-SI88241BD-IS Datasheet
1Mb / 51P
   Quad Digital Isolators with DC-DC Converter
A July 2022
More results

Description similaire - SI88241BD-IS

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI88X4X SKYWORKS-SI88X4X Datasheet
1Mb / 51P
   Quad Digital Isolators with DC-DC Converter
A July 2022
SI88X2X SKYWORKS-SI88X2X Datasheet
1Mb / 48P
   Dual Digital Isolators with DC-DC Converter
Rev. 1.04
logo
Silicon Laboratories
SI88620ED-IS SILABS-SI88620ED-IS Datasheet
768Kb / 45P
   DUAL DIGITAL ISOLATORS WITH DC-DC CONVERTER
logo
Analog Devices
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401W AD-ADUM5401W Datasheet
452Kb / 20P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
ADUM5401 AD-ADUM5401 Datasheet
587Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM6400 AD-ADUM6400 Datasheet
593Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A_V01 Datasheet
732Kb / 31P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com