Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCLVP2106 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce CDCLVP2106
Description  12-LVPECL Output, High-Performance Clock Buffer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP2106 Fiches technique(HTML) 5 Page - Texas Instruments

  CDCLVP2106_16 Datasheet HTML 1Page - Texas Instruments CDCLVP2106_16 Datasheet HTML 2Page - Texas Instruments CDCLVP2106_16 Datasheet HTML 3Page - Texas Instruments CDCLVP2106_16 Datasheet HTML 4Page - Texas Instruments CDCLVP2106_16 Datasheet HTML 5Page - Texas Instruments CDCLVP2106_16 Datasheet HTML 6Page - Texas Instruments CDCLVP2106_16 Datasheet HTML 7Page - Texas Instruments CDCLVP2106_16 Datasheet HTML 8Page - Texas Instruments CDCLVP2106_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
CDCLVP2106
www.ti.com
SCAS887B – SEPTEMBER 2009 – REVISED JANUARY 2016
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
OUTP9,
34, 35
Output
Differential LVPECL output pair no. 9
OUTN9
OUTP10,
36, 37
Output
Differential LVPECL output pair no. 10
OUTN10
OUTP11,
38, 39
Output
Differential LVPECL output pair no. 11
OUTN11
Bias voltage output for capacitive coupled input pair no. 0. Do not use VAC_REF at VCC < 3 V.
VAC_REF0
7
Output
If used, TI recommends a 0.1-
μF capacitor to GND on this pin. The output current is limited
to 2 mA.
Bias voltage output for capacitive coupled input pair no. 1. Do not use VAC_REF at VCC < 3 V.
VAC_REF1
4
Output
If used, TI recommends using a 0.1-
μF capacitor to GND on this pin. The output current is
limited to 2 mA.
5, 6, 11, 20,
VCC
Power
2.5-V or 3.3-V supplies for the device
31, 40
NC
1, 10
Do not connect
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CDCLVP2106


Numéro de pièce similaire - CDCLVP2106_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCLVP2106RHAR TI1-CDCLVP2106RHAR Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP2106RHAT TI1-CDCLVP2106RHAT Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
More results

Description similaire - CDCLVP2106_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1212 TI-CDCLVP1212 Datasheet
710Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
[Old version datasheet]   Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
[Old version datasheet]   Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
[Old version datasheet]   Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com