Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF999 Fiches technique(PDF) 1 Page - Infineon Technologies AG

No de pièce BF999
Description  Silicon N-Channel MOSFET Triode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BF999 Fiches technique(HTML) 1 Page - Infineon Technologies AG

  BF999 Datasheet HTML 1Page - Infineon Technologies AG BF999 Datasheet HTML 2Page - Infineon Technologies AG BF999 Datasheet HTML 3Page - Infineon Technologies AG BF999 Datasheet HTML 4Page - Infineon Technologies AG BF999 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BF999
Nov-08-2002
1
Silicon N-Channel MOSFET Triode
 For high-frequency stages up to 300 MHz
preferably in FM applications
1
2
3
VPS05161
ESD
: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking
Pin Configuration
Package
BF999
LBs
1 = G
2 = D
3 = S
SOT23
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-source voltage
VDS
20
V
Drain current
ID
30
mA
Gate-source peak current
IGSM
10
mA
Total power dissipation
, TS  76 °C
Ptot
200
mW
Storage temperature
Tstg
-55 ... 150
°C
Channel temperature
Tch
150
Thermal Resistance
Channel - soldering point1)
Rthchs
370
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Numéro de pièce similaire - BF999

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BF999 SIEMENS-BF999 Datasheet
116Kb / 5P
   Silicon N Channel MOSFET Triode (For high-frequency stages up to 300 MHz, preferably in FM applications)
logo
Infineon Technologies A...
BF999 INFINEON-BF999 Datasheet
62Kb / 6P
   Silicon N-Channel MOSFET Triode
2007-04-20
BF999 INFINEON-BF999_07 Datasheet
62Kb / 6P
   Silicon N-Channel MOSFET Triode
2007-04-20
More results

Description similaire - BF999

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BF999 INFINEON-BF999_07 Datasheet
62Kb / 6P
   Silicon N-Channel MOSFET Triode
2007-04-20
BF543 INFINEON-BF543 Datasheet
50Kb / 5P
   Silicon N-Channel MOSFET Triode
Jun-28-2001
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com