Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI53152 Fiches technique(PDF) 6 Page - Silicon Laboratories

No de pièce SI53152
Description  PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53152 Fiches technique(HTML) 6 Page - Silicon Laboratories

Back Button SI53152 Datasheet HTML 2Page - Silicon Laboratories SI53152 Datasheet HTML 3Page - Silicon Laboratories SI53152 Datasheet HTML 4Page - Silicon Laboratories SI53152 Datasheet HTML 5Page - Silicon Laboratories SI53152 Datasheet HTML 6Page - Silicon Laboratories SI53152 Datasheet HTML 7Page - Silicon Laboratories SI53152 Datasheet HTML 8Page - Silicon Laboratories SI53152 Datasheet HTML 9Page - Silicon Laboratories SI53152 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Si53152
6
Rev. 1.1
Rising/Falling Slew Rate
TR / TF
Measured differentially from
±150 mV
2.5
8
V/ns
Crossing Point Voltage at 0.7 V
Swing
VOX
300
550
mV
Enable/Disable and Set-Up
Clock Stabilization from
Power-up
TSTABLE
——
5
ms
Stopclock Set-up Time
TSS
10.0
ns
Table 3. Absolute Maximum Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Main Supply Voltage
VDD_3.3V
Functional
4.6
V
Input Voltage
VIN
Relative to VSS
–0.5
4.6
VDC
Temperature, Storage
TS
Non-functional
–65
150
°C
Temperature, Operating Ambient
TA
Functional
–40
85
°C
Temperature, Junction
TJ
Functional
150
°C
Dissipation, Junction to Case
ØJC
JEDEC (JESD 51)
35
°C/W
Dissipation, Junction to Ambient
ØJA
JEDEC (JESD 51)
37
°C/W
ESD Protection (Human Body Model)
ESDHBM
JEDEC (JESD 22-A114)
2000
V
Flammability Rating
UL-94
UL (Class)
V–0
Note: While using multiple power supplies, the voltage on any input or I/O pin cannot exceed the power pin during power-up.
Power supply sequencing is not required.
Table 2. AC Electrical Specifications (Continued)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. Gen 4 specifications based on the PCI-Express Base Specification 4.0 rev. 0.5.
2. Download the Silicon Labs PCIe Clock Jitter Tool at www.silabs.com/pcie-learningcenter.


Numéro de pièce similaire - SI53152

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI53152 SKYWORKS-SI53152 Datasheet
1,007Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.2
logo
Silicon Laboratories
Si53152-A01AGM SILABS-Si53152-A01AGM Datasheet
93Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI53152-A01AGM SKYWORKS-SI53152-A01AGM Datasheet
1,007Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.2
logo
Silicon Laboratories
Si53152-A01AGMR SILABS-Si53152-A01AGMR Datasheet
93Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI53152-A01AGMR SKYWORKS-SI53152-A01AGMR Datasheet
1,007Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.2
More results

Description similaire - SI53152

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI53156 SILABS-SI53156 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
logo
Skyworks Solutions Inc.
SI53152 SKYWORKS-SI53152 Datasheet
1,007Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.2
SI53156 SKYWORKS-SI53156 Datasheet
1,014Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.3
SI53156-A13A SKYWORKS-SI53156-A13A Datasheet
988Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.0
logo
Silicon Laboratories
SI53154 SILABS-SI53154 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 QUAD FANOUT BUFFER
logo
Skyworks Solutions Inc.
SI53154 SKYWORKS-SI53154 Datasheet
992Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 QUAD FANOUT BUFFER
Rev. 1.3
logo
Silicon Laboratories
SI53159 SILABS-SI53159 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 NINE OUTPUT FANOUT BUFFER
logo
Skyworks Solutions Inc.
SI53159 SKYWORKS-SI53159 Datasheet
1,008Kb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 NINE-OUTPUT FANOUT BUFFER
Rev. 1.3
logo
Silicon Laboratories
SI53159-A01AGM SILABS-SI53159-A01AGM Datasheet
147Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE OUTPUT FANOUT BUFFER
logo
Skyworks Solutions Inc.
SI53102-A1 SKYWORKS-SI53102-A1 Datasheet
756Kb / 15P
   PCI-Express Gen 1, Gen 2, Gen 3, and Gen 4 1:2 Fan-out Clock Buffer
Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com