Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI53115 Fiches technique(PDF) 1 Page - Silicon Laboratories

No de pièce SI53115
Description  15-OUTPUT PCIE GEN3 BUFFER/ ZERO DELAY BUFFER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53115 Fiches technique(HTML) 1 Page - Silicon Laboratories

  SI53115 Datasheet HTML 1Page - Silicon Laboratories SI53115 Datasheet HTML 2Page - Silicon Laboratories SI53115 Datasheet HTML 3Page - Silicon Laboratories SI53115 Datasheet HTML 4Page - Silicon Laboratories SI53115 Datasheet HTML 5Page - Silicon Laboratories SI53115 Datasheet HTML 6Page - Silicon Laboratories SI53115 Datasheet HTML 7Page - Silicon Laboratories SI53115 Datasheet HTML 8Page - Silicon Laboratories SI53115 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Rev. 1.1 12/15
Copyright © 2015 by Silicon Laboratories
Si53115
Si5311 5
15-O UTPUT PCIE GEN3 BUFFER/ ZERO DELAY BUFFER
Features
Applications
Description
The Si53115 is a 15-output, low-power HCSL differential clock buffer that
meets all of the performance requirements of the Intel DB1200ZL
specification. The device is optimized for distributing reference clocks for
Intel® QuickPath Interconnect (Intel QPI), PCIe Gen 1/Gen 2/Gen 3/
Gen 4, SAS, SATA, and Intel Scalable Memory Interconnect (Intel SMI)
applications. The VCO of the device is optimized to support 100 MHz and
133 MHz operation. Each differential output can be enabled through I2C
for maximum flexibility and power savings. Measuring PCIe clock jitter is
quick and easy with the Silicon Labs PCIe Clock Jitter Tool. Download it
for free at www.silabs.com/pcie-learningcenter.
Fifteen 0.7 V low-power, push-
pull HCSL PCIe Gen3 outputs
100 MHz /133 MHz PLL
operation, supports PCIe and
QPI
PLL bandwidth SW SMBUS
programming overrides the latch
value from HW pin
9 selectable SMBUS addresses
SMBus address configurable to
allow multiple buffers in a single
control network 3.3 V supply
voltage operation
Separate VDDIO for outputs
PLL or bypass mode
Spread spectrum tolerable
1.05 to 3.3 V I/O supply voltage
50 ps output-to-output skew
50 ps cyc-cyc jitter (PLL mode)
Low phase jitter (Intel QPI, PCIe
Gen 1/2/3/4 common clock
compliant)
Gen 3 SRNS Compliant
100 ps input-to-output delay
Extended Temperature:
–40 to 85 °C
64-pin QFN
Server
Storage
Data center
Enterprise switches and routers
Patents pending
Ordering Information:
See page 30.
Pin Assignments
Si53115
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
VDDA
GNDA
100M_133M
HBW_BYPASS_LBW
PWRGD / PWRDN
GND
VDDR
CLK_IN
CLK_IN
SA_0
SDA
SCL
SA_1
FBOUT_NC
GND
DIF_7
DIF_7
DIF_6
DIF_6
GND
VDD
DIF_5
DIF_5
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
DIF_9
DIF_9
DIF_8
DIF_8
VDD_IO
VDD_IO
GND
FBOUT_NC
GND


Numéro de pièce similaire - SI53115

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI53115 SKYWORKS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER / ZERO-DELAY BUFFER
Rev. 1.2
SI53115-A01AGM SKYWORKS-SI53115-A01AGM Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER / ZERO-DELAY BUFFER
Rev. 1.2
SI53115-A01AGMR SKYWORKS-SI53115-A01AGMR Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER / ZERO-DELAY BUFFER
Rev. 1.2
More results

Description similaire - SI53115

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI53115 SKYWORKS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER / ZERO-DELAY BUFFER
Rev. 1.2
SI53106 SKYWORKS-SI53106 Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
logo
Silicon Laboratories
SI53106 SILABS-SI53106 Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
logo
Integrated Device Techn...
9DBL06 IDT-9DBL06 Datasheet
318Kb / 19P
   6-output 3.3V PCIe Zero-Delay Buffer
9DBL04 IDT-9DBL04 Datasheet
305Kb / 19P
   4-output 3.3V PCIe Zero-delay Buffer
9DBL0442 IDT-9DBL0442 Datasheet
305Kb / 19P
   4-Output 3.3V PCIe Zero-delay Buffer
9DBL0242 IDT-9DBL0242 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL0841 IDT-9DBL0841 Datasheet
340Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
9DBL08 IDT-9DBL08 Datasheet
354Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
9DBL02 IDT-9DBL02 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com