Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI53108 Fiches technique(PDF) 9 Page - Silicon Laboratories

No de pièce SI53108
Description  DB800ZL 8-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53108 Fiches technique(HTML) 9 Page - Silicon Laboratories

Back Button SI53108 Datasheet HTML 5Page - Silicon Laboratories SI53108 Datasheet HTML 6Page - Silicon Laboratories SI53108 Datasheet HTML 7Page - Silicon Laboratories SI53108 Datasheet HTML 8Page - Silicon Laboratories SI53108 Datasheet HTML 9Page - Silicon Laboratories SI53108 Datasheet HTML 10Page - Silicon Laboratories SI53108 Datasheet HTML 11Page - Silicon Laboratories SI53108 Datasheet HTML 12Page - Silicon Laboratories SI53108 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Si53108
Rev. 1.2
9
Table 8. DIF 0.7 V AC Timing Characteristics (Non-Spread Spectrum Mode)
Parameter
Symbol
CLK 100 MHz, 133 MHz
Unit
Notes
Min
Typ
Max
Clock Stabilization Time
TSTAB
1.8
ms
22
Long Term Accuracy
LACC
100
ppm
4,8,16
Absolute Host CLK Period (100 MHz)
TABS
9.94900
10.05100
ns
4,5,8
Absolute Host CLK Period (133 MHz)
TABS
7.44925
7.55075
ns
4,5,8
Edge _rate
Edge _rate
1.0
4.0
V/ns
2,4,8
Rise/Fall Matching
TRISE_MAT/
TFALL_MAT
20
%
4,7,19,21
Voltage High (typ 0.7 V)
VHIGH
660
850
mV
3,8, 12
Voltage Low (typ 0.0 V)
VLOW
–150
150
mV
4,7,11
Maximum Voltage
VMAX
——
1150
mV
7
Absolute Crossing Point Voltages
VCROSS(a
bs)
300
550
mV
1,3,4,7,14
Total Variation of Vcross Over All
Edges
Total ∆
VCROSS
140
mV
4,7,15
Cycle-to-Cycle Jitter
TCCJITTER
50
ps
4,8,20
Duty Cycle
Duty Cycle
45
55
%
4,8
Maximum Voltage (Overshoot)
Vovs
——
VHigh + 0.3
V
4,7,12
Maximum Voltage (Undershoot)
Vuds
——
VLow – 0.3
V
4,7,13


Numéro de pièce similaire - SI53108

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI53108 SKYWORKS-SI53108 Datasheet
1Mb / 37P
   DB800ZL 8-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
SI53108-A01AGM SKYWORKS-SI53108-A01AGM Datasheet
1Mb / 37P
   DB800ZL 8-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
SI53108-A01AGMR SKYWORKS-SI53108-A01AGMR Datasheet
1Mb / 37P
   DB800ZL 8-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
logo
Silicon Laboratories
SI53108-EVB SILABS-SI53108-EVB Datasheet
1Mb / 7P
   DC pin controls per data sheet specification
More results

Description similaire - SI53108

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI53108 SKYWORKS-SI53108 Datasheet
1Mb / 37P
   DB800ZL 8-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
SI53106 SKYWORKS-SI53106 Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
logo
Silicon Laboratories
SI53106 SILABS-SI53106 Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
logo
Integrated Device Techn...
9DBL0841 IDT-9DBL0841 Datasheet
340Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
9DBL08 IDT-9DBL08 Datasheet
354Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
logo
Silicon Laboratories
SI53115 SILABS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER/ ZERO DELAY BUFFER
logo
Skyworks Solutions Inc.
SI53115 SKYWORKS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER / ZERO-DELAY BUFFER
Rev. 1.2
logo
Integrated Device Techn...
9DBV0841 IDT-9DBV0841_16 Datasheet
207Kb / 16P
   8-output 1.8V PCIe Gen1-3 Zero-Delay/Fan-out Buffer
logo
Texas Instruments
CDCDB803 TI-CDCDB803 Datasheet
1Mb / 31P
[Old version datasheet]   CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
SNAS820 ??AUGUST 2021
logo
Integrated Device Techn...
9DBL06 IDT-9DBL06 Datasheet
318Kb / 19P
   6-output 3.3V PCIe Zero-Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com