Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPMI100-Q050MKK Fiches technique(PDF) 1 Page - Total Power International

No de pièce TPMI100-Q050MKK
Description  ACCOMMODATE UNIVERSAL AC SOURCES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOTAL-POWER [Total Power International]
Site Internet  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPMI100-Q050MKK Fiches technique(HTML) 1 Page - Total Power International

  TPMI100-Q050MKK Datasheet HTML 1Page - Total Power International TPMI100-Q050MKK Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME
SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING
POWER SUPPLIES TPMI100 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
COMPACT 4.5”x 2.5”x1.2” PCB FORMAT
MEET MEDICAL STANDARD EN 60601-1/
UL 60601-1
EMI MEET EN 55011 & FCC CLASS B
CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac.
Input Connector: V-M connector.
Input Frequency: 47-63Hz.
Inrush Current: Typ. 9.68Arms @230Vac.
Input Current: Typ. 1.8A@115Vac, 0.9A @230Vac.
Dielectric Withstand: Meet IEC 60601-1.
EMI: Meet EN55011 & CISPR Class B.
Hold-up Time: Typ. 12.8mS @115Vac, 76mS @ 230Vac.
Earth Leakage: Less than 0.189mA @230Vac.
GENERAL SPECIFICATION
Efficiency: Typ. 74-80%(Various with output voltage).
Switching Frequency: 68 KHz.
Circuit Topology: Single-Forward circuit.
Multiple-Fixed freq. flyback circuit.
Transient Response: Output voltage returns in less than
14-44mS following a 25% load change.
Safety Standard: Meet Medical standards UL 60601-1/
EN 60601-1 Class I.
Operating Temperature: 0 to +50 °C under forced air flow
for full load.(Various with output voltage).
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.05%/°C.
Cooling: Recommended 24CFM cooling fan for
full rating load.
Power Density: 7.4 Watts / Cubic Inch.
Construction: 4.5”x2.5“x1.2” PCB format.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Connector: V-M connector.
Output Wattage: Typ. 100 watts.
Line Regulation: Typ. ±0.5%.
Load Regulation: Main VO1 typ ±1%.
Aux. VO2 typ. ±1%.
Aux. VO3 typ. ±5%.
Aux. VO4 typ. ±5%.
Noise & Ripple: Typ. 1.0% peak to peak.
OVP: Built-in at main output (Latch).
Adjustability: Available at VO1 and VO2.
Overload Protection (OLP):
Fully protected against outputs overload and short circuit.
Typ. OLP set at 110-150% of rating output power.
Consult the factory for OLP setting.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com
Total Power International, Inc.


Numéro de pièce similaire - TPMI100-Q050MKK

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
TPMI19 TOTAL-POWER-TPMI19 Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI19-D033I TOTAL-POWER-TPMI19-D033I Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI19-D033M TOTAL-POWER-TPMI19-D033M Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI19-D050I TOTAL-POWER-TPMI19-D050I Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI19-D050M TOTAL-POWER-TPMI19-D050M Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
More results

Description similaire - TPMI100-Q050MKK

FabricantNo de pièceFiches techniqueDescription
logo
RSG Electronic Componen...
HPU100-S033250 RSG-HPU100-S033250 Datasheet
223Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
Total Power Internation...
TPMI19 TOTAL-POWER-TPMI19 Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPPU-60 TOTAL-POWER-TPPU-60 Datasheet
390Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPIMP151 TOTAL-POWER-TPIMP151 Datasheet
303Kb / 3P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI63 TOTAL-POWER-TPMI63 Datasheet
169Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPPU100 TOTAL-POWER-TPPU100 Datasheet
393Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
RSG Electronic Componen...
HPU60-S025180 RSG-HPU60-S025180 Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
Total Power Internation...
TPMI40 TOTAL-POWER-TPMI40 Datasheet
153Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI43 TOTAL-POWER-TPMI43 Datasheet
178Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPEMG75 TOTAL-POWER-TPEMG75 Datasheet
376Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com