Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPMBU60-400-1 Fiches technique(PDF) 1 Page - Total Power International

No de pièce TPMBU60-400-1
Description  63W Open Frame Type Medical Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOTAL-POWER [Total Power International]
Site Internet  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPMBU60-400-1 Fiches technique(HTML) 1 Page - Total Power International

  TPMBU60-400-1 Datasheet HTML 1Page - Total Power International TPMBU60-400-1 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Application:
SafetyApprovals:
Features:
WideOperatingVoltage90to264VAC,47to63Hz
InternalEMIfilter
SingletoQuadOutput
Size:3"x5"x1.1"
PowerFailDetect(Optional)
ClassI
3yearwarranty
ElectricalCharacteristics:
Environmental
To
Operating Temperature
Ts
Storage Temperature
Hr
Ho
StorageHumidity
OperatingHumidity
Pd
Deratelinearlyfrom100%loadat50°Cto50%loadat70°C
MTBF
OperatingTemperatureat25 C
CalculatedperMIL-HDBK-217F
,
°
Vin
Safety ApprovalsInputVoltageRange
OperateVoltageRange
100~240VAC
90~264VAC
-Medical TouchPanelPC
-PatientMonitoringSystem
-UltrasoundSystem
fin
InputFrequency
47~63Hz
63WOpenFrameType
TPMBU60 SERIES
MedicalPowerSupplies
Po
Vo
Io
Iil
Iih
Ir
OutputPowerRange
Seeratingchart
Seeratingchart
Seeratingchart
OutputVoltageRange
OutputCurrentRange
InputCurrent(LowLine)
Io=Fullload,Vin=100VAC
Io=Fullload,Vin=240VAC
Io=Fullload,25 C,Coolstart,Vin=115VAC
°
Io=Fullload,25°C,Coolstart,Vin=230VAC
InputCurrent(HighLine)
LowLineInrushCurrent
HighLineInrushCurrent
1.6A
0.8A
35A (max.)
70A (max.)
70~85%
Eff
REG-i
REG-o
OVP
OCP
Ttr
Th
Ts
Vp-p
Ilk
TC
OA
Io=FullLoad,Vin=230VAC
Io=FullLoad
Vin=230VAC
Io=FullLoad,Vin=110VAC
Io=FullLoad,Vin=100VAC
FullLoad,Vin=90VAC
Io=FullLoadtoHalfLoad,Vin=100VAC
Vin=240VAC/60Hz
Alloutput
Efficiency
LineRegulation
LoadRegulation
OverVoltageProtection
OverCurrentProtection
TimeofTransientResponse
Hold-UpTime
StartUpTime
TemperatureCoefficient
Operating Altitude
Ripple&Noise(PeaktoPeak)
SafetyGroundLeakageCurrent
±0.04%/°C
112~132%
110~150%
0.3~2S
16mS (min.)
0.5~1%
0.25mA (typ.)
Upto3000m
1%(max.)
3~6%
4mS(max.)
Pno
Seeratingchart
-40~85°C
0~95%
0~95%
0.1MHrs(min.)
Seederatingcurve
Noload,Vin=230VAC
No-LoadPowerConsumption
Vps
Vpg
Ris
6290VDC (min.)
2121VDC (min.)
Primarytosecondary
PrimarytoPE
TestVoltage=500VDC
DielectricWithstandingVoltage
DielectricWithstandingVoltage
forPrimarytoPE
IsolationResistance
50M
(min.)
RoHS
2002/95/EC
COMPLIANT
Note: TheRipple&Noisewhichisunder3.3VDCat2%max
TherangeofOCP issetbetween110-150%oftotaloutputpower.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


Numéro de pièce similaire - TPMBU60-400-1

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
TPMBU61 TOTAL-POWER-TPMBU61 Datasheet
301Kb / 2P
   63W Open Frame Type Medical Power Supplies
TPMBU61-101 TOTAL-POWER-TPMBU61-101 Datasheet
301Kb / 2P
   63W Open Frame Type Medical Power Supplies
TPMBU61-102 TOTAL-POWER-TPMBU61-102 Datasheet
301Kb / 2P
   63W Open Frame Type Medical Power Supplies
TPMBU61-103 TOTAL-POWER-TPMBU61-103 Datasheet
301Kb / 2P
   63W Open Frame Type Medical Power Supplies
TPMBU61-104 TOTAL-POWER-TPMBU61-104 Datasheet
301Kb / 2P
   63W Open Frame Type Medical Power Supplies
More results

Description similaire - TPMBU60-400-1

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
TPMBU61 TOTAL-POWER-TPMBU61 Datasheet
301Kb / 2P
   63W Open Frame Type Medical Power Supplies
TPIBU-60 TOTAL-POWER-TPIBU-60 Datasheet
344Kb / 2P
   63W Open Frame Type Industrial Power Supplies
logo
Volgen Kaga Electronics...
MBU61 VOLGEN-MBU61 Datasheet
365Kb / 2P
   63W Open Frame Switching Power Supplies For Medical Equipment.
MBU60 VOLGEN-MBU60 Datasheet
503Kb / 2P
   63W Open Frame Switching Power Supplies For Medical Equipment.
logo
Total Power Internation...
TPMBU80 TOTAL-POWER-TPMBU80 Datasheet
320Kb / 2P
   80W Open Frame Type Medical Power Supplies
TPMBU30 TOTAL-POWER-TPMBU30 Datasheet
259Kb / 2P
   30W Open Frame Type Medical Power Supplies
TPMBU120 TOTAL-POWER-TPMBU120 Datasheet
349Kb / 2P
   120W Open Frame Type Medical Power Supplies
TPMBU150 TOTAL-POWER-TPMBU150 Datasheet
327Kb / 2P
   150W Open Frame Type Medical Power Supplies
TPMBU151 TOTAL-POWER-TPMBU151 Datasheet
344Kb / 2P
   150W Open Frame Type Medical Power Supplies
logo
Vitec Power
SMFA61 Vitec-SMFA61 Datasheet
426Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com