Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPLSU60-110-39V Fiches technique(PDF) 1 Page - Total Power International

No de pièce TPLSU60-110-39V
Description  60W LED Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOTAL-POWER [Total Power International]
Site Internet  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPLSU60-110-39V Fiches technique(HTML) 1 Page - Total Power International

  TPLSU60-110-39V Datasheet HTML 1Page - Total Power International TPLSU60-110-39V Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
WideOperatingVoltage90to264VAC,47to63Hz
InternalEMIfilter
ActivePowerFactorCorrection
C.C.Mode+C.V.Mode
ConstantCurrent:0.84~5.45A
ConstantVoltage:11~58V
OverVoltage,OverCurrent,OverOver Temperature(optional)
ClassI
3yearwarranty
ElectricalCharacteristics:
Vin
Safety ApprovalsInputVoltageRange
OperateVoltageRange
100~277VAC
90~264VAC
fin
PF
Po
Vo
Io
Iil
Iih
InputFrequency
PowerFactorCorrection
OutputPowerRange
Seeratingchart
Seeratingchart
Seeratingchart
OutputVoltageRange
OutputCurrentRange
InputCurrent(LowLine)
Io=Fullload,Vin=100VAC
Io=Fullload,Vin=90~264VAC
Io=Fullload,Vin=240VAC
Io=Fullload,25 C,Coolstart,Vin=115VAC
°
Io=Fullload,25°C,Coolstart,Vin=230VAC
InputCurrent(HighLine)
LowLineInrushCurrent
HighLineInrushCurrent
1.0A
0.4A
47~63Hz
0.90~10
.
35A (max.)
70A (max.)
84~90%
Eff
REG-i
REG-o
OVP
OCP
Ttr
Th
Ts
Vp-p
Ilk
TC
Io=FullLoad,Vin=230VAC
Io=FullLoad
Vin=230VAC(C.C.)
Vin=230VAC (C.V.)
C.C.
C.V.
Io=FullLoad,Vin=110VAC
Io=FullLoad,Vin=100VAC
FullLoad,Vin=90VAC
Io=FullLoadtoHalfLoad,Vin=100VAC
Vin=240VAC/60Hz
Alloutput
Efficiency
LineRegulation
LoadRegulation
LoadRegulation
OverVoltageProtection
OverCurrentProtection
OverCurrentProtection
TimeofTransientResponse
Hold-UpTime(C.V.)
StartUpTime
TemperatureCoefficient
Ripple&Noise(PeaktoPeak)
SafetyGroundLeakageCurrent
±0.04%/°C
103~105%
103~105%
140~180%
1S (max.)
8mS (min.)
0.5~1%
0.75mA (max.)
1%(max.)
3%
3%
4mS(max.)
Pno
Seeratingchart
Environmental
To
Operating Temperature
Ts
Storage Temperature
Hr
Ho
StorageHumidity
OperatingHumidity
Pd
Deratelinearlyfrom100%loadat50°Cto50%loadat70°C
MTBF
OperatingTemperatureat25 C CalculatedperMIL-HDBK-217F
,
°
-40~85°C
0~95%
0~95%
0.1MHrs(min.)
Seederatingcurve
Noload,Vin=230VAC
No-LoadPowerConsumption
Vps
Vpg
4242VDC (min.)
2121VDC (min.)
Primarytosecondary
PrimarytoPE
DielectricWithstandingVoltage
DielectricWithstandingVoltage
forPrimarytoPE
TPLSU60 SERIES
Ris
TestVoltage=500VDC
IsolationResistance
50M
(min.)
Ir
60WLEDPowerSupply
SafetyApprovals:
Application:
RoHS
2002/95/EC
COMPLIANT
BAUART
TYPE
APPROVED
GEPRUFT
CB
IP67
-Outdoorinstallations
UL/c-UL(UL8750:1stedition)
TUV(EN/IEC61347-1:2008,
EN/IEC61347-2-13:2006)
CE-EMC(EN55015:2006&
EN61547:1995+A1:2000)
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Numéro de pièce similaire - TPLSU60-110-39V

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
TPLSU85 TOTAL-POWER-TPLSU85 Datasheet
160Kb / 2P
   85W LED Power Supply
TPLSU85-108-21V TOTAL-POWER-TPLSU85-108-21V Datasheet
160Kb / 2P
   85W LED Power Supply
TPLSU85-108-22V TOTAL-POWER-TPLSU85-108-22V Datasheet
160Kb / 2P
   85W LED Power Supply
TPLSU85-108-23V TOTAL-POWER-TPLSU85-108-23V Datasheet
160Kb / 2P
   85W LED Power Supply
TPLSU85-108-24V TOTAL-POWER-TPLSU85-108-24V Datasheet
160Kb / 2P
   85W LED Power Supply
More results

Description similaire - TPLSU60-110-39V

FabricantNo de pièceFiches techniqueDescription
logo
LinkCom Manufacturing C...
60W-LCCEA LINKCOM-60W-LCCEA Datasheet
498Kb / 4P
   60W LED Power Supply
60W-LCVE LINKCOM-60W-LCVE Datasheet
484Kb / 3P
   60W LED Power Supply
logo
Mean Well Enterprises C...
PWM-60 MEANWELL-PWM-60 Datasheet
155Kb / 6P
   60W PWM output LED power supply
CLG-60 MEANWELL-CLG-60_12 Datasheet
245Kb / 3P
   60W Single Output LED Power Supply
PLP-60 MEANWELL-PLP-60 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60 Datasheet
189Kb / 2P
   60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60_12 Datasheet
263Kb / 3P
   60W Single Output LED Power Supply
CLG-60 MEANWELL-CLG-60_11 Datasheet
238Kb / 3P
   60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60 Datasheet
259Kb / 3P
   60W Single Output LED Power Supply
PLP-60 MEANWELL-PLP-60_12 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com