Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI51218 Fiches technique(PDF) 9 Page - Silicon Laboratories

No de pièce SI51218
Description  THREE OUTPUTS FACTORY PROGRAMMABLE CLOCK GENERATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI51218 Fiches technique(HTML) 9 Page - Silicon Laboratories

Back Button SI51218 Datasheet HTML 5Page - Silicon Laboratories SI51218 Datasheet HTML 6Page - Silicon Laboratories SI51218 Datasheet HTML 7Page - Silicon Laboratories SI51218 Datasheet HTML 8Page - Silicon Laboratories SI51218 Datasheet HTML 9Page - Silicon Laboratories SI51218 Datasheet HTML 10Page - Silicon Laboratories SI51218 Datasheet HTML 11Page - Silicon Laboratories SI51218 Datasheet HTML 12Page - Silicon Laboratories SI51218 Datasheet HTML 13Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Si51218
Rev. 1.0
9
4. Pin Descriptions—8-Pin TDFN
Table 6. Si51218 Pin Descriptions
Pin #
Name
Type
Description
1
VDD
PWR 2.5 to 3.3 V power supply.
2
XOUT
O
Crystal output. Leave this pin unconnected (floating) if an external clock
input is used.
3
XIN/CLKIN
I
External crystal and clock input.
4
CLKOUT1/REFOUT1/
FSEL/OE
I/O
Programmable CLKOUT1 or REFOUT1 output or MultiFunction control
input. The frequency at this pin is synthesized by internal PLL if pro-
grammed as CLKOUT1. If programmed as REFOUT1, output clock is
buffered output of crystal or reference clock input. If programmed as
MultiFunction control input, it can be FSEL and OE.
5
VSS
GND Ground.
6
CLKOUT2/REFOUT2/
FSEL/OE/PD
I/O
Programmable CLKOUT2 or REFOUT2 output or MultiFunction control
input. The frequency at this pin is synthesized by internal PLL if pro-
grammed as CLKOUT2. If programmed as REFOUT2, output clock is
buffered output of crystal or reference clock input. If programmed as
MultiFunction control input, it can be FSEL,OE and PD. It is power by
VDDO (pin 8).
7
CLKOUT3
O
Programmable CLKOUT3 output. The frequency at this pin is synthe-
sized by internal PLL. It is power by VDDO (pin 8).
8
VDDO
PWR 1.8 to 3.3 V output power supply to CLKOUT2/3 (pin6/7).
1
2
3
45
6
7
8
VDD
XOUT
XIN/CLKIN
CLKOUT1/REFOUT1 
FSEL/OE
VSS
CLKOUT2/REFOUT2 
FSEL/OE/PD#
CLKOUT3
VDDO
Si51218


Numéro de pièce similaire - SI51218

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI51218 SKYWORKS-SI51218 Datasheet
1Mb / 15P
   Three Output Factory Programmable Clock Generator
Rev. 1.1
SI51218-AXXXXX-GM SKYWORKS-SI51218-AXXXXX-GM Datasheet
1Mb / 15P
   Three Output Factory Programmable Clock Generator
Rev. 1.1
SI51218-AXXXXX-GMR SKYWORKS-SI51218-AXXXXX-GMR Datasheet
1Mb / 15P
   Three Output Factory Programmable Clock Generator
Rev. 1.1
More results

Description similaire - SI51218

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI51211 SKYWORKS-SI51211 Datasheet
1Mb / 15P
   Three Output Factory Programmable Clock Generator
Rev. 1.0
SI51218 SKYWORKS-SI51218 Datasheet
1Mb / 15P
   Three Output Factory Programmable Clock Generator
Rev. 1.1
logo
Silicon Laboratories
SI51210 SILABS-SI51210 Datasheet
150Kb / 12P
   TWO OUTPUTS FACTORY PROGRAMMABLE CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI51214 SKYWORKS-SI51214 Datasheet
1Mb / 15P
   Two Output Factory Programmable Clock Generator
Rev. 1.1
logo
Maxim Integrated Produc...
MAX9491 MAXIM-MAX9491 Datasheet
303Kb / 11P
   Factory-Programmable, Single PLL Clock Generator
Rev 0; 1/06
logo
Skyworks Solutions Inc.
SI51210 SKYWORKS-SI51210 Datasheet
1Mb / 15P
   Two Output Factory Programmable Clock Generator
Rev. 1.1
logo
Silicon Laboratories
SI5350 SILABS-SI5350 Datasheet
69Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
List of Unclassifed Man...
SI5351 ETC2-SI5351 Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5351B-B-GM ETC2-SI5351B-B-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com