Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPLBU19-109 Fiches technique(PDF) 2 Page - Total Power International

No de pièce TPLBU19-109
Description  19W LED Driver Switching Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOTAL-POWER [Total Power International]
Site Internet  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPLBU19-109 Fiches technique(HTML) 2 Page - Total Power International

  TPLBU19-109 Datasheet HTML 1Page - Total Power International TPLBU19-109 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OutputVoltageAndCurrentRatingChart(SingleOutput):
DeratingC
urve:
ModelNumber
OutputVoltage
Max.ConstantCurrent
Max.OutputPower
MechanicalSpecifications:
1.Operating Temperature:-20to80°C
2.Deratelinearlyfrom100%loadat70°Cto50%
loadat80°C
0%
0
-20
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
TPLBU19-109
TPLBU19-110
TPLBU19-111
27~33VDC
33~40VDC
40~50VDC
0.70~0.57 A
0.57~0.47 A
0.47~0.38 A
19W
19W
19W
TPLBU19 SERIES
19WLEDDriver
SwitchingPowerSupplies
Note:
1.Inputconnectmateswith AWG#16wire.
2.Outputconnectmateswith AWG#20wire.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


Numéro de pièce similaire - TPLBU19-109

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
TPLBU09A TOTAL-POWER-TPLBU09A Datasheet
200Kb / 2P
   Switching Power Supplies
TPLBU09A-107 TOTAL-POWER-TPLBU09A-107 Datasheet
200Kb / 2P
   Switching Power Supplies
TPLBU09A-108 TOTAL-POWER-TPLBU09A-108 Datasheet
200Kb / 2P
   Switching Power Supplies
TPLBU09A-109 TOTAL-POWER-TPLBU09A-109 Datasheet
200Kb / 2P
   Switching Power Supplies
More results

Description similaire - TPLBU19-109

FabricantNo de pièceFiches techniqueDescription
logo
Wall Industries,Inc.
PSQLF100 WALL-PSQLF100 Datasheet
120Kb / 4P
   AC/DC LED Switching Power Supplies
PSPSF100 WALL-PSPSF100 Datasheet
103Kb / 3P
   AC/DC LED Switching Power Supplies
PSAPF100 WALL-PSAPF100 Datasheet
548Kb / 4P
   AC/DC LED Switching Power Supplies
PSAPF150 WALL-PSAPF150 Datasheet
547Kb / 4P
   AC/DC LED Switching Power Supplies
PSALF240 WALL-PSALF240 Datasheet
224Kb / 4P
   AC/DC LED Switching Power Supplies
logo
Vishay Siliconix
SI9912 VISHAY-SI9912 Datasheet
95Kb / 8P
   Half-Bridge MOSFET Driver for Switching Power Supplies
Rev. B, 16-Feb-04
SI9913 VISHAY-SI9913_04 Datasheet
106Kb / 9P
   Half-Bridge MOSFET Driver for Switching Power Supplies
Rev. B, 16-Feb-04
SI9912 VISHAY-SI9912_V01 Datasheet
166Kb / 10P
   Half-Bridge MOSFET Driver for Switching Power Supplies
01-Jan-2022
logo
Total Power Internation...
TPLBU09A TOTAL-POWER-TPLBU09A Datasheet
200Kb / 2P
   Switching Power Supplies
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-BX-3000-12 TAB-TDRSP-BX-3000-12 Datasheet
465Kb / 2P
   SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com