Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF5904WCCPZ-RL7 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce ADF5904WCCPZ-RL7
Description  4-Channel, 24 GHz,Receiver Downconverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF5904WCCPZ-RL7 Fiches technique(HTML) 8 Page - Analog Devices

Back Button ADF5904WCCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADF5904WCCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADF5904WCCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADF5904WCCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADF5904WCCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADF5904WCCPZ-RL7 Datasheet HTML 9Page - Analog Devices ADF5904WCCPZ-RL7 Datasheet HTML 10Page - Analog Devices ADF5904WCCPZ-RL7 Datasheet HTML 11Page - Analog Devices ADF5904WCCPZ-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ADF5904
Data Sheet
IF FREQUENCY (Hz)
–15
–10
–5
0
5
10
15
20
1k
10k
100k
1M
10M
OP1dB
IP1dB
–40°C
+25°C
+105°C
Figure 11. P1dB vs. IF Frequency, LO Frequency = 24 GHz at −5 dBm
INPUT POWER (dBm)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
30
40
50
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
IIP3 5dBm
Figure 12. Output Power vs. Input Power, IIP3 LO Frequency = 24.125 GHz at
−5 dBm, Rx Frequency = LO + 100 kHz and LO + 200 kHz
IF FREQUENCY (Hz)
0
5
10
15
20
25
30
100
1k
10k
100k
1M
10M
–40°C
+25°C
+105°C
Figure 13. Gain vs. IF Frequency, Rx Power = −50 dBm and
LO Frequency = 24 GHz at −5 dBm
TEMPERATURE (°C)
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
–40
–20
0
20
40
60
80
100
120
Figure 14. Temperature Sensor Voltage on ATEST
Rev. 0 | Page 8 of 15


Numéro de pièce similaire - ADF5904WCCPZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF5904WCCPZ-RL7 AD-ADF5904WCCPZ-RL7 Datasheet
363Kb / 15P
   4-Channel, 24 GHz, Receiver Downconverter
Rev. A
More results

Description similaire - ADF5904WCCPZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF5904 AD-ADF5904_V01 Datasheet
363Kb / 15P
   4-Channel, 24 GHz, Receiver Downconverter
Rev. A
UG-791 AD-UG-791 Datasheet
714Kb / 14P
   Evaluation Board for the ADF5904 4-Channel, 24 GHz Receiver Downconverter
ADMV1014 AD-ADMV1014 Datasheet
2Mb / 42P
   24 GHz to 44 GHz, Wideband, Microwave Downconverter
logo
Hittite Microwave Corpo...
HMC967LP4E HITTITE-HMC967LP4E Datasheet
1Mb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC572LC5 HITTITE-HMC572LC5 Datasheet
238Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
HMC572 HITTITE-HMC572 Datasheet
264Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
logo
Analog Devices
ADMV1012 AD-ADMV1012 Datasheet
441Kb / 19P
   17.5 GHz to 24 GHz, GaAs, MMIC, I/Q Downconverter
logo
Hittite Microwave Corpo...
HMC904LC5 HITTITE-HMC904LC5 Datasheet
570Kb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 24 GHz
HMC967LP4E HITTITE-HMC967LP4E_11 Datasheet
889Kb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC572 HITTITE-HMC572_09 Datasheet
269Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com