Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF5904WCCPZ Fiches technique(PDF) 9 Page - Analog Devices

No de pièce ADF5904WCCPZ
Description  4-Channel, 24 GHz,Receiver Downconverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF5904WCCPZ Fiches technique(HTML) 9 Page - Analog Devices

Back Button ADF5904WCCPZ Datasheet HTML 5Page - Analog Devices ADF5904WCCPZ Datasheet HTML 6Page - Analog Devices ADF5904WCCPZ Datasheet HTML 7Page - Analog Devices ADF5904WCCPZ Datasheet HTML 8Page - Analog Devices ADF5904WCCPZ Datasheet HTML 9Page - Analog Devices ADF5904WCCPZ Datasheet HTML 10Page - Analog Devices ADF5904WCCPZ Datasheet HTML 11Page - Analog Devices ADF5904WCCPZ Datasheet HTML 12Page - Analog Devices ADF5904WCCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Data Sheet
ADF5904
THEORY OF OPERATION
RF PATH
The ADF5904 contains four identical 24 GHz downconverter
channels. Each channel contains a balun that converts the
single-ended input into a differential signal for the rest of the
downconverter path (see Figure 15). This balun is followed by
a LNA that feeds the downconverter mixer.
AVDD
2kΩ
2kΩ
RXx_RF
GND
GND
AVDD
AVDD
BALUN
Figure 15. RF Input Stage
LO PATH
The four downconverter channels share the same LO path. The
LO path contains a balun that converts the single-ended input
to a differential signal to drive the mixer (see Figure 16).
AVDD
400Ω
400Ω
20Ω
20Ω
LO_IN
GND
GND
AVDD
AVDD
BALUN
Figure 16. LO Input Stage
INPUT SHIFT REGISTER
The ADF5904 digital section includes power-down bits and test
modes to read back registers. Data is clocked into the 32-bit
input shift register on each rising edge of CLK. The data is
clocked in MSB first. Data is transferred from the input shift
register to one of four latches on the rising edge of LE. The
destination latch is determined by the state of the two control
bits (C2 and C1) in the input shift register. These are the two
LSBs (DB1 and DB0, respectively), as shown in Table 5. The
truth table for these bits is shown in Table 5. Figure 18 to Figure 20
show a summary of how the latches are programmed.
PROGRAM MODES
Table 5 and Figure 18 through Figure 20 show how to set up the
program modes in the ADF5904.
Table 5. C1 and C2 Truth Table
Control Bits
C2 (DB1)
C1 (DB0)
Register
0
0
R0
0
1
R1
1
0
R2
1
1
R3
Rev. 0 | Page 9 of 15


Numéro de pièce similaire - ADF5904WCCPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF5904WCCPZ AD-ADF5904WCCPZ Datasheet
363Kb / 15P
   4-Channel, 24 GHz, Receiver Downconverter
Rev. A
ADF5904WCCPZ-RL7 AD-ADF5904WCCPZ-RL7 Datasheet
363Kb / 15P
   4-Channel, 24 GHz, Receiver Downconverter
Rev. A
More results

Description similaire - ADF5904WCCPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF5904 AD-ADF5904_V01 Datasheet
363Kb / 15P
   4-Channel, 24 GHz, Receiver Downconverter
Rev. A
UG-791 AD-UG-791 Datasheet
714Kb / 14P
   Evaluation Board for the ADF5904 4-Channel, 24 GHz Receiver Downconverter
ADMV1014 AD-ADMV1014 Datasheet
2Mb / 42P
   24 GHz to 44 GHz, Wideband, Microwave Downconverter
logo
Hittite Microwave Corpo...
HMC967LP4E HITTITE-HMC967LP4E Datasheet
1Mb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC572LC5 HITTITE-HMC572LC5 Datasheet
238Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
HMC572 HITTITE-HMC572 Datasheet
264Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
logo
Analog Devices
ADMV1012 AD-ADMV1012 Datasheet
441Kb / 19P
   17.5 GHz to 24 GHz, GaAs, MMIC, I/Q Downconverter
logo
Hittite Microwave Corpo...
HMC904LC5 HITTITE-HMC904LC5 Datasheet
570Kb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 24 GHz
HMC967LP4E HITTITE-HMC967LP4E_11 Datasheet
889Kb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC572 HITTITE-HMC572_09 Datasheet
269Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com