Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5721RBRUZ Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD5721RBRUZ
Description  Multiple Range, 16-/12-Bit, Bipolar/Unipolar Voltage Output DACs with 2 ppm/째C Reference
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5721RBRUZ Fiches technique(HTML) 1 Page - Analog Devices

  AD5721RBRUZ Datasheet HTML 1Page - Analog Devices AD5721RBRUZ Datasheet HTML 2Page - Analog Devices AD5721RBRUZ Datasheet HTML 3Page - Analog Devices AD5721RBRUZ Datasheet HTML 4Page - Analog Devices AD5721RBRUZ Datasheet HTML 5Page - Analog Devices AD5721RBRUZ Datasheet HTML 6Page - Analog Devices AD5721RBRUZ Datasheet HTML 7Page - Analog Devices AD5721RBRUZ Datasheet HTML 8Page - Analog Devices AD5721RBRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Multiple Range, 16-/12-Bit, Bipolar/Unipolar
Voltage Output DACs with 2 ppm/°C Reference
Data Sheet
AD5761R/AD5721R
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
8 software-programmable output ranges: 0 V to 5 V, 0 V to 10 V,
0 V to 16 V, 0 V to 20 V, ±3 V, ±5 V, ±10 V, and −2.5 V to +7.5 V;
5% overrange
Low drift 2.5 V reference: ±2 ppm/°C typical
Total unadjusted error (TUE): 0.1% FSR maximum
16-bit accuracy: ±2 LSB maximum
Guaranteed monotonicity: ±1 LSB maximum
Single channel, 16-/12-bit DACs
Settling time: 7.5 μs typical
Integrated reference buffers
Low noise: 35 nV/√Hz
Low glitch: 1 nV-sec (0 V to 5 V range)
1.7 V to 5.5 V digital supply range
Asynchronous updating via LDAC
Asynchronous RESET to zero scale/midscale
DSP-/microcontroller-compatible serial interface
Robust 4 kV HBM ESD rating
16-lead, 3 mm × 3 mm LFCSP package
16-lead TSSOP package
Operating temperature range: −40°C to +125°C
APPLICATIONS
Industrial automation
Instrumentation, data acquisition
Open-/closed-loop servo control, process control
Programmable logic controllers
GENERAL DESCRIPTION
The AD5761R/AD5721R are single channel, 16-/12-bit serial
input, voltage output, digital-to-analog converters (DACs).
They operate from single supply voltages from 4.75 V to 30 V
or dual supply voltages from −16.5 V to 0 V VSS and 4.75 V to
16.5 V VDD. The integrated output amplifier, reference buffer,
and reference provide a very easy to use, universal solution.
The devices offer guaranteed monotonicity, integral nonlinearity
(INL) of ±2 LSB maximum, 35 nV/√Hz noise, and 7.5 μs settling
time on selected ranges.
The AD5761R/AD5721R use a serial interface that operates at
clock rates of up to 50 MHz and are compatible with DSP and
microcontroller interface standards. Double buffering allows the
asynchronous updating of the DAC output. The input coding
is user-selectable twos complement or straight binary. The
asynchronous reset function resets all registers to their default
state. The output range is user selectable, via the RA[2:0] bits
in the control register.
The devices available in a 3 mm × 3 mm LFCSP package and a
16-lead TSSOP package offer guaranteed specifications over the
−40°C to +125°C industrial temperature range.
FUNCTIONAL BLOCK DIAGRAM
12-BIT/
16-BIT
DAC
LDAC
VOUT
REFERENCE
BUFFERS
SDI
SCLK
SYNC
SDO
RESET
VDD
VSS
DVCC
INPUT SHIFT
REGISTER
AND
CONTROL
LOGIC
DGND
AGND
AD5761R/AD5721R
CLEAR
INPUT
REG
DAC
REG
12/16
12/16
2.5V
REFERENCE
ALERT
VREFIN/VREFOUT
DNC
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
0V TO 5V
0V TO 10V
0V TO 16V
0V TO 20V
±3V
±5V
±10V
−2.5V TO +7.5V
Figure 1.


Numéro de pièce similaire - AD5721RBRUZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5721RBRUZ AD-AD5721RBRUZ Datasheet
1Mb / 36P
   Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
AD5721RBRUZ-RL7 AD-AD5721RBRUZ-RL7 Datasheet
1Mb / 36P
   Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
More results

Description similaire - AD5721RBRUZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5761R-EP AD-AD5761R-EP Datasheet
296Kb / 11P
   Multiple Range, 16-Bit, Bipolar/Unipolar Voltage Output DAC with 7 ppm/째C Reference
Rev. 0
AD5761 AD-AD5761 Datasheet
1Mb / 31P
   Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
AD5761R AD-AD5761R_18 Datasheet
1Mb / 36P
   Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
AD5689R AD-AD5689R Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5752 AD-AD5752_15 Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
AD5722 AD-AD5722 Datasheet
1,010Kb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. 0
AD5722R AD-AD5722R Datasheet
295Kb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
Rev. PrC
AD5754 AD-AD5754_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724 AD-AD5724 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. 0
AD5722 AD-AD5722_17 Datasheet
1Mb / 31P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com