Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI8635BD-B-IS Fiches technique(PDF) 10 Page - Silicon Laboratories

No de pièce SI8635BD-B-IS
Description  Low-Power Triple-Channel Digital Isolators
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8635BD-B-IS Fiches technique(HTML) 10 Page - Silicon Laboratories

Back Button SI8635BD-B-IS Datasheet HTML 6Page - Silicon Laboratories SI8635BD-B-IS Datasheet HTML 7Page - Silicon Laboratories SI8635BD-B-IS Datasheet HTML 8Page - Silicon Laboratories SI8635BD-B-IS Datasheet HTML 9Page - Silicon Laboratories SI8635BD-B-IS Datasheet HTML 10Page - Silicon Laboratories SI8635BD-B-IS Datasheet HTML 11Page - Silicon Laboratories SI8635BD-B-IS Datasheet HTML 12Page - Silicon Laboratories SI8635BD-B-IS Datasheet HTML 13Page - Silicon Laboratories SI8635BD-B-IS Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Si8631Bx, Ex
VDD1
VDD2
VDD1
VDD2
VI = 0(Bx), 1(Ex)
VI = 0(Bx), 1(Ex)
VI = 1(Bx), 0(Ex)
VI = 1(Bx), 0(Ex)
1.3
1.7
3.9
3.0
2.1
2.7
5.9
4.5
mA
1 Mbps Supply Current (All Inputs = 500 kHz Square Wave, CI = 15 pF on All Outputs)
Si8630Bx, Ex, Si8635Bx
VDD1
VDD2
2.8
2.2
3.9
3.1
mA
Si8631Bx, Ex
VDD1
VDD2
2.7
2.6
3.8
3.6
mA
10 Mbps Supply Current (All Inputs = 5 MHz Square Wave, CI = 15 pF on All Outputs)
Si8630Bx, Ex, Si8635Bx
VDD1
VDD2
2.8
3.1
3.9
4.3
mA
Si8631Bx, Ex
VDD1
VDD2
3.0
3.1
4.2
4.4
mA
100 Mbps Supply Current (All Inputs = 50 MHz Square Wave, CI = 15 pF on All Outputs)
Si8630Bx, Ex, Si8635Bx
VDD1
VDD2
2.8
13.2
3.9
17.8
mA
Si8631Bx, Ex
VDD1
VDD2
6.6
9.9
8.8
13.4
mA
Timing Characteristics
Si863xBx, Ex
Maximum Data Rate
0
150
Mbps
Minimum Pulse Width
5.0
ns
Propagation Delay
tPHL, tPLH
See Figure 4.2 Propagation
Delay Timing on page 11
5.0
8.0
13
ns
Pulse Width Distortion
|tPLH – tPHL|
PWD
See Figure 4.2 Propagation
Delay Timing on page 11
0.2
4.5
ns
Propagation Delay Skew 3
tPSK(P-P)
2.0
4.5
ns
Channel-Channel Skew
tPSK
0.4
2.5
ns
Si8630/31/35 Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.6 | 9


Numéro de pièce similaire - SI8635BD-B-IS

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI8635BD-B-IS SKYWORKS-SI8635BD-B-IS Datasheet
1,017Kb / 38P
   Low-Power Triple-Channel Digital Isolators
Revision 1.82 March 2019
More results

Description similaire - SI8635BD-B-IS

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI8630 SKYWORKS-SI8630 Datasheet
1,017Kb / 38P
   Low-Power Triple-Channel Digital Isolators
Revision 1.82 March 2019
logo
Texas Instruments
ISO7330-Q1 TI-ISO7330-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7330C TI-ISO7330C Datasheet
1Mb / 26P
[Old version datasheet]   Robust EMC, Low Power, Triple-Channel Digital Isolators
logo
Analog Devices
ADUM1300 AD-ADUM1300 Datasheet
713Kb / 20P
   Triple-Channel Digital Isolators
REV. C
ADUM1310 AD-ADUM1310_07 Datasheet
546Kb / 20P
   Triple-Channel Digital Isolators
Rev. F
ADUM1300 AD-ADUM1300_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1301ARWZ-RL AD-ADUM1301ARWZ-RL Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1301 AD-ADUM1301_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1310 AD-ADUM1310_15 Datasheet
410Kb / 24P
   Triple-Channel Digital Isolators
Rev. J
ADUM1310 AD-ADUM1310_08 Datasheet
590Kb / 24P
   Triple-Channel Digital Isolators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com