Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI8920 Fiches technique(PDF) 8 Page - Silicon Laboratories

No de pièce SI8920
Description  ISOLATED AMPLIFIER FOR CURRENT SHUNT MEASUREMENT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8920 Fiches technique(HTML) 8 Page - Silicon Laboratories

Back Button SI8920 Datasheet HTML 4Page - Silicon Laboratories SI8920 Datasheet HTML 5Page - Silicon Laboratories SI8920 Datasheet HTML 6Page - Silicon Laboratories SI8920 Datasheet HTML 7Page - Silicon Laboratories SI8920 Datasheet HTML 8Page - Silicon Laboratories SI8920 Datasheet HTML 9Page - Silicon Laboratories SI8920 Datasheet HTML 10Page - Silicon Laboratories SI8920 Datasheet HTML 11Page - Silicon Laboratories SI8920 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Si8920
8
Preliminary Rev. 0.5
Table 4. IEC 60664-1 (VDE 0884) Ratings
Parameter
Test Conditions
Specification
GW DIP-8
WB SOIC-16
Basic Isolation Group
Material Group
I
I
Installation
Classification
Rated Mains Voltages < 150 VRMS
I-IV
I-IV
Rated Mains Voltages < 300 VRMS
I-IV
I-IV
Rated Mains Voltages < 450 VRMS
I-III
I-III
Rated Mains Voltages < 600 VRMS
I-III
I-III
Table 5. VDE 0884-10 Insulation Characteristics*
Parameter
Symbol
Test Condition
Characteristic
Unit
GW DIP-8
WB SOIC-16
Maximum Working
Insulation Voltage
VIORM
891
1200
V peak
Input to Output Test
Voltage
VPR
Method b1
(VIORM x1.875 = VPR, 100%
Production Test, tm = 1 sec,
Partial Discharge < 5 pC)
1671
2250
V peak
Transient Overvoltage
VIOTM
t = 60 sec
6000
8000
V peak
Pollution Degree
(DIN VDE 0110, Table 1)
22
Insulation Resistance at TS,
VIO =500 V
RS
>109
>109
*Note: This isolator is suitable for reinforced electrical isolation only within the safety limit data. Maintenance of the safety
data is ensured by protective circuits. The Si8920 provides a climate classification of 40/125/21.


Numéro de pièce similaire - SI8920

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI8920 SKYWORKS-SI8920 Datasheet
774Kb / 24P
   Isolated Amplifier for Current Shunt Measurement
Revision A July 2022
SI8920AC-AP SKYWORKS-SI8920AC-AP Datasheet
774Kb / 24P
   Isolated Amplifier for Current Shunt Measurement
Revision A July 2022
SI8920AC-IP SKYWORKS-SI8920AC-IP Datasheet
774Kb / 24P
   Isolated Amplifier for Current Shunt Measurement
Revision A July 2022
SI8920AC-IS SKYWORKS-SI8920AC-IS Datasheet
774Kb / 24P
   Isolated Amplifier for Current Shunt Measurement
Revision A July 2022
SI8920AD-IS SKYWORKS-SI8920AD-IS Datasheet
774Kb / 24P
   Isolated Amplifier for Current Shunt Measurement
Revision A July 2022
More results

Description similaire - SI8920

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI8920 SKYWORKS-SI8920 Datasheet
774Kb / 24P
   Isolated Amplifier for Current Shunt Measurement
Revision A July 2022
SI8941 SKYWORKS-SI8941 Datasheet
776Kb / 32P
   Isolated Delta-Sigma Modulator for Current Shunt Measurement
December 12, 2022
SI8921 SKYWORKS-SI8921 Datasheet
2Mb / 32P
   Si8921 and Si8922 Isolated Amplifiers for Current Shunt Measurement
Revision B May, 2023
logo
Texas Instruments
AMC1204_1108 TI1-AMC1204_1108 Datasheet
526Kb / 30P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AUGUST2011
AMC1204 TI1-AMC1204_14 Datasheet
1Mb / 37P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204 TI1-AMC1204_12 Datasheet
846Kb / 32P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204 TI1-AMC1204 Datasheet
478Kb / 29P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204-Q1 TI-AMC1204-Q1_15 Datasheet
988Kb / 33P
[Old version datasheet]   20 MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com