Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI8715BC-A-IS Fiches technique(PDF) 11 Page - Silicon Laboratories

No de pièce SI8715BC-A-IS
Description  5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8715BC-A-IS Fiches technique(HTML) 11 Page - Silicon Laboratories

Back Button SI8715BC-A-IS Datasheet HTML 7Page - Silicon Laboratories SI8715BC-A-IS Datasheet HTML 8Page - Silicon Laboratories SI8715BC-A-IS Datasheet HTML 9Page - Silicon Laboratories SI8715BC-A-IS Datasheet HTML 10Page - Silicon Laboratories SI8715BC-A-IS Datasheet HTML 11Page - Silicon Laboratories SI8715BC-A-IS Datasheet HTML 12Page - Silicon Laboratories SI8715BC-A-IS Datasheet HTML 13Page - Silicon Laboratories SI8715BC-A-IS Datasheet HTML 14Page - Silicon Laboratories SI8715BC-A-IS Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Si871x/2x
Rev. 1.0
11
Figure 3. (SOIC-8) Thermal Derating Curve, Dependence of Safety Limiting Values
with Case Temperature per DIN EN 60747-5-2 and VDE0884-10
Figure 4. (DIP8) Thermal Derating Curve, Dependence of Safety Limiting Values
with Case Temperature per DIN EN 60747-5-2 and VDE0884-10
Table 8. Thermal Characteristics
Parameter
Symbol
Typ
Unit
SOIC-8
DIP8
SDIP6
IC Junction-to-Air Thermal
Resistance
JA
110
110
105
ºC/W
400
600
800
1000
1200
Ps (mW)
Is (mA)
0
200
0
20406080
100
120
140
Ts Case Temperature (°C)
400
600
800
1000
1200
Ps (mW)
Is (mA)
0
200
0
20406080
100
120
140
Ts Case Temperature (°C)


Numéro de pièce similaire - SI8715BC-A-IS

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
Si8715BC-A-IS SILABS-Si8715BC-A-IS Datasheet
1Mb / 35P
   Industrial automation
logo
Skyworks Solutions Inc.
SI8715BC-A-IS SKYWORKS-SI8715BC-A-IS Datasheet
956Kb / 36P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Rev. 1.01
More results

Description similaire - SI8715BC-A-IS

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI871X SKYWORKS-SI871X Datasheet
956Kb / 36P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Rev. 1.01
logo
Silicon Laboratories
SI87XX SILABS-SI87XX Datasheet
400Kb / 36P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
logo
Skyworks Solutions Inc.
SI87XX SKYWORKS-SI87XX Datasheet
1Mb / 38P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
SI873X SKYWORKS-SI873X Datasheet
951Kb / 23P
   Low Input Current LED Emulator, Logic Output Isolators
Revision 1.0 March, 2018
logo
Silicon image
SI826X SILICONIMAGE-SI826X Datasheet
423Kb / 42P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Silicon Laboratories
SI8261AAC-C-IS SILABS-SI8261AAC-C-IS Datasheet
1Mb / 40P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Skyworks Solutions Inc.
SI826X SKYWORKS-SI826X Datasheet
459Kb / 39P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
logo
M-System Co.,Ltd.
5VS MSYSTEM-5VS Datasheet
96Kb / 2P
   Dual Channel Input/Output Isolators 5-UNIT
logo
Analog Devices
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
   Dual-Channel Digital Isolators, 5 kV
Rev. F
logo
M-System Co.,Ltd.
5BX MSYSTEM-5BX Datasheet
162Kb / 3P
   Dual Channel Input/Output Isolators 5-UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com