Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI7013-A20 Fiches technique(PDF) 6 Page - Silicon Laboratories

No de pièce SI7013-A20
Description  IC HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7013-A20 Fiches technique(HTML) 6 Page - Silicon Laboratories

Back Button SI7013-A20 Datasheet HTML 2Page - Silicon Laboratories SI7013-A20 Datasheet HTML 3Page - Silicon Laboratories SI7013-A20 Datasheet HTML 4Page - Silicon Laboratories SI7013-A20 Datasheet HTML 5Page - Silicon Laboratories SI7013-A20 Datasheet HTML 6Page - Silicon Laboratories SI7013-A20 Datasheet HTML 7Page - Silicon Laboratories SI7013-A20 Datasheet HTML 8Page - Silicon Laboratories SI7013-A20 Datasheet HTML 9Page - Silicon Laboratories SI7013-A20 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
Si7013-A20
6
Rev. 1.1
Figure 1. I2C Interface Timing Diagram
SCL Low Time
tSKL
1.3
μs
Start Hold Time
tSTH
0.6
μs
Start Setup Time
tSTS
0.6
μs
Stop Setup Time
tSPS
0.6
μs
Bus Free Time
tBUF
Between Stop and Start
1.3
μs
SDA Setup Time
tDS
100
ns
SDA Hold Time
tDH
100
ns
SDA Valid Time
tVD;DAT From SCL low to data valid
0.9
μs
SDA Acknowledge Valid Time
tVD;ACK From SCL low to data valid
0.9
μs
Suppressed Pulse Width3
tSP
50
ns
Table 3. I2C Interface Specifications1 (Continued)
1.9
 VDD  3.6 V; TA = –40 to +85 °C (G grade) or –40 to +125 °C (I/Y grade) unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. All values are referenced to VIL and/or VIH.
2. Depending on the conversion command, the Si7013 may hold the master during the conversion (clock stretch). At
above 300 kHz SCL, the Si7013 may hold the master briefly for user register and device ID transactions. At the highest
I2C speed of 400 kHz the stretching will be <50 μs.
3. Pulses up to and including 50 ns will be suppressed.


Numéro de pièce similaire - SI7013-A20

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
Si7013-A20-GM SILABS-Si7013-A20-GM Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7013-A20-GM SILABS-Si7013-A20-GM Datasheet
91Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7013-A20-GM1 SILABS-Si7013-A20-GM1 Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7013-A20-GM1 SILABS-Si7013-A20-GM1 Datasheet
91Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
SI7013-A20-GM1 SILABS-SI7013-A20-GM1 Datasheet
2Mb / 45P
   2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Rev. 1.4 4/20
More results

Description similaire - SI7013-A20

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI7013-A20-GM1R SILABS-SI7013-A20-GM1R Datasheet
2Mb / 45P
   2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Rev. 1.4 4/20
SI7013 SILABS-SI7013 Datasheet
399Kb / 43P
   I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
SI7020-A20 SILABS-SI7020-A20 Datasheet
533Kb / 36P
   IC HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
SHT21 ETC2-SHT21_15 Datasheet
454Kb / 14P
   Humidity and Temperature Sensor IC
SHT20S ETC2-SHT20S Datasheet
443Kb / 10P
   Humidity and Temperature Sensor IC
SHTC1 ETC2-SHTC1 Datasheet
833Kb / 14P
   Humidity and Temperature Sensor IC
logo
Silicon Laboratories
SI7021-A20 SILABS-SI7021-A20 Datasheet
1Mb / 36P
   IC HUMIDITY AND TEMPERATURE SENSOR
SI7006-A20 SILABS-SI7006-A20 Datasheet
1Mb / 35P
   IC HUMIDITY AND TEMPERATURE SENSOR
logo
MagnaChip Semiconductor...
MXH2101 MGCHIP-MXH2101 Datasheet
32Kb / 1P
   Temperature and Humidity sensor IC
logo
Sensirion AG Switzerlan...
SHTC3 SENSIRION-SHTC3 Datasheet
730Kb / 14P
   Humidity and Temperature Sensor IC
Version 4 - December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com