Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5380 Fiches technique(PDF) 11 Page - Silicon Laboratories

No de pièce SI5380
Description  Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5380 Fiches technique(HTML) 11 Page - Silicon Laboratories

Back Button SI5380 Datasheet HTML 7Page - Silicon Laboratories SI5380 Datasheet HTML 8Page - Silicon Laboratories SI5380 Datasheet HTML 9Page - Silicon Laboratories SI5380 Datasheet HTML 10Page - Silicon Laboratories SI5380 Datasheet HTML 11Page - Silicon Laboratories SI5380 Datasheet HTML 12Page - Silicon Laboratories SI5380 Datasheet HTML 13Page - Silicon Laboratories SI5380 Datasheet HTML 14Page - Silicon Laboratories SI5380 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
3.3.6 Zero Delay Mode
A zero delay mode is available for applications that require fixed and consistent minimum delay between the selected input and outputs.
The zero delay mode is configured by opening the internal feedback loop through software configuration and closing the loop externally
as shown in the figure below. This helps to cancel out the internal delay introduced by the dividers, the crosspoint, the input, and the
output drivers. Any one of the outputs can be fed back to the IN3/FB_IN pins, although using the output driver that achieves the short-
est trace length will help to minimize the input-to-output delay. The OUT9A and IN3/FB_IN pins are recommended for the external feed-
back connection. The FB_IN input pins must be terminated and ac-coupled when zero delay mode is used. A differential external feed-
back path connection is necessary for best performance. The order of the OUT9A and FB_IN polarities is such that they may be routed
on the device side of the PCB without requiring vias or needing to cross each other.
Si5380
IN0
IN0b
IN1
IN1b
IN2
IN2b
÷P1
÷P0
÷P2
DSPLL
LPF
PD
÷M
IN3/FB_IN
÷P3
IN3b/FB_INb
÷N0
t0
÷N1
t1
÷N2
t2
÷N3
t3
÷N4
t4
OUT2b
VDDO2
OUT2
VDDO0
OUT0Ab
OUT0A
OUT0b
OUT0
÷R2
÷R0A
÷R0
VDDO8
OUT8b
OUT8
÷R8
VDDO9
OUT9b
OUT9
OUT9Ab
OUT9A
÷R9
÷R9A
External Feedback Path
÷5
Figure 3.6. Si5380 Zero Delay Mode Set-up
Si5380 Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 0.96 | 10


Numéro de pièce similaire - SI5380

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5380 SILABS-SI5380 Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
SI5380-D SILABS-SI5380-D Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Si5380-D-EVB SILABS-Si5380-D-EVB Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Si5380-D-EVB SILABS-Si5380-D-EVB Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Si5380A-D-GM SILABS-Si5380A-D-GM Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
More results

Description similaire - SI5380

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5380-D SILABS-SI5380-D Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
SI5380 SILABS-SI5380_16 Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
logo
Texas Instruments
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP_19 Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
logo
Integrated Device Techn...
MK1581-01 IDT-MK1581-01 Datasheet
229Kb / 11P
   LOW PHASE NOISE T1/E1 CLOCK GENERATOR
logo
Renesas Technology Corp
MK1581-01 RENESAS-MK1581-01 Datasheet
410Kb / 12P
   LOW PHASE NOISE T1/E1 CLOCK GENERATOR
051310
logo
Texas Instruments
LMK03318 TI1-LMK03318 Datasheet
2Mb / 136P
[Old version datasheet]   Ultra-Low-Noise Jitter Clock Generator Family
LMK04828-EP TI-LMK04828-EP_V01 Datasheet
1Mb / 102P
[Old version datasheet]   LMK04828-EP Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
APRIL 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com