Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5374 Fiches technique(PDF) 11 Page - Silicon Laboratories

No de pièce SI5374
Description  4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5374 Fiches technique(HTML) 11 Page - Silicon Laboratories

Back Button SI5374 Datasheet HTML 7Page - Silicon Laboratories SI5374 Datasheet HTML 8Page - Silicon Laboratories SI5374 Datasheet HTML 9Page - Silicon Laboratories SI5374 Datasheet HTML 10Page - Silicon Laboratories SI5374 Datasheet HTML 11Page - Silicon Laboratories SI5374 Datasheet HTML 12Page - Silicon Laboratories SI5374 Datasheet HTML 13Page - Silicon Laboratories SI5374 Datasheet HTML 14Page - Silicon Laboratories SI5374 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
Si5374
Rev. 1.1
11
Table 5. Performance Specifications
VDD = 1.8 V ±5% or 2.5 V ±10%, TA = –40 to 85 °C
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
PLL Performance1
Lock Time2 Si5374B-A-xL3
tLOCKMP
Start of ICAL to
of LOL,
FASTLOCK enabled
—1
1.5
s
Si5374C-A-xL
0.8
1.0
Settle Time2 Si5374B-A-xL
tSETTLE
Start of ICAL to FOUT within
5 ppm of final value
—1.2
1.5
s
Si5374C-A-xL
4.2
5.0
Output Clock Phase Change
tP_STEP
After clock switch
f3
 128 kHz
—200
ps
Closed Loop Jitter Peaking
JPK
0.05
0.1
dB
Jitter Tolerance
JTOL
Jitter Frequency
Loop
Bandwidth
5000/BW
ns
pk-pk
Phase Noise
fout = 622.08 MHz
CKOPN
1 kHz Offset
–106
dBc/Hz
10 kHz Offset
–114
dBc/Hz
100 kHz Offset
–116
dBc/Hz
1 MHz Offset
–132
dBc/Hz
Spurious Noise
SPSPUR
Max spur @ n x F3
(n
 1, n x F3 < 100 MHz)
—–70
dBc
Jitter Generation
JGEN
fIN =fOUT =622.08MHz,
BW = 120 Hz
LVPECL output
12 kHz–20 MHz
350
410
fs rms
50 kHz–80 MHz
410
fs rms
Notes:
1.
fin = fout = 622.08 MHz; BW = 7 Hz; LVDS, OSC = .121.109 MHz.
2.
Lock and settle time performance is dependent on the frequency plan and the OSC_P/OSC_N reference frequency
and LOCKT setting (see application note, "AN803: Lock and Settling Time Considerations for the Si5324/27/69/74
Any-Frequency Jitter Attenuating Clock ICs". Visit the Silicon Labs Technical Support web page at:
https://www.silabs.com/support/pages/contacttechnicalsupport.aspx to submit a technical support request regarding
the lock time of your frequency plan.
3.
LOCKT = 3.3 ms.


Numéro de pièce similaire - SI5374

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI5374 SKYWORKS-SI5374 Datasheet
796Kb / 69P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
SI5374 SKYWORKS-SI5374 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5374-EVB SKYWORKS-SI5374-EVB Datasheet
796Kb / 69P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
SI5374B-A-BL SKYWORKS-SI5374B-A-BL Datasheet
796Kb / 69P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5374B-A-GL SILABS-SI5374B-A-GL Datasheet
1Mb / 20P
   Timing Selector Guide
More results

Description similaire - SI5374

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5376 SILABS-SI5376 Datasheet
342Kb / 66P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5375 SKYWORKS-SI5375 Datasheet
733Kb / 54P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5375 SILABS-SI5375 Datasheet
272Kb / 54P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5374 SKYWORKS-SI5374 Datasheet
796Kb / 69P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
SI5376 SKYWORKS-SI5376 Datasheet
786Kb / 66P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com