Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5356A Fiches technique(PDF) 4 Page - Silicon Laboratories

No de pièce SI5356A
Description  IC PROGRAMMABLE, ANY-FREQUENCY 1??00 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5356A Fiches technique(HTML) 4 Page - Silicon Laboratories

  SI5356A Datasheet HTML 1Page - Silicon Laboratories SI5356A Datasheet HTML 2Page - Silicon Laboratories SI5356A Datasheet HTML 3Page - Silicon Laboratories SI5356A Datasheet HTML 4Page - Silicon Laboratories SI5356A Datasheet HTML 5Page - Silicon Laboratories SI5356A Datasheet HTML 6Page - Silicon Laboratories SI5356A Datasheet HTML 7Page - Silicon Laboratories SI5356A Datasheet HTML 8Page - Silicon Laboratories SI5356A Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Si5356A
4
Rev. 1.3
1. Electrical Specifications
Table 1. Recommended Operating Conditions
(VDD = 1.8 V –5% to +10%, 2.5 or 3.3 V ±10%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Ambient Temperature
TA
–40
85
oC
Core Supply Voltage
VDD
2.97
3.3
3.63
V
2.25
2.5
2.75
1.71
1.8
1.98
Output Buffer Supply Voltage
VDDO
1.71
3.63
V
Note:
All minimum and maximum specifications are guaranteed and apply across the recommended operating
conditions. Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless
otherwise noted.
Table 2. DC Characteristics
(VDD = 1.8 V –5% to +10%, 2.5 or 3.3 V ±10%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Core Supply Current
IDD
100 MHz on all outputs,
25 MHz refclk
—45
60
mA
Output Buffer Supply Current
IDDOx
CMOS, 50 MHz
15 pF load
—6
9
mA
CMOS, 200 MHz
3.3 V VDD0
—13
18
mA
CMOS, 200 MHz
2.5 V
—10
14
mA
CMOS, 200 MHz
1.8 V
—7
10
mA
High Level Input Voltage
VIH
CLKIN, I2C_LSB
0.8 x VDD
—3.63
V
SSC_DIS, OEB
0.85
1.3
V
Low Level Input Voltage
VIL
CLKIN, I2C_LSB
–0.2
0.2 x VDD
V
SSC_DIS, OEB
0.3
V
Clock Output High Level Output
Voltage
VOH
Pins: CLK0–7
IOH =–4 mA
VDDO – 0.3
V
Clock Output Low Level Out-
put Voltage
VOL
Pins: CLK0–7
IOL =+4mA
——
0.3
V
INTR Low Level Output Voltage VOLINTR
Pin: INTR
IOL =+3mA
0—
0.4
V
SSC_DIS, OEB Input
Resistance
RIN
—20
k


Numéro de pièce similaire - SI5356A

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI5356A SKYWORKS-SI5356A Datasheet
1Mb / 28P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1–200 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.4
More results

Description similaire - SI5356A

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5355 SILABS-SI5355 Datasheet
270Kb / 22P
   ANY-FREQUENCY 1??00 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
SI5356B SILABS-SI5356B Datasheet
779Kb / 29P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1??00 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5356A SKYWORKS-SI5356A Datasheet
1Mb / 28P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1–200 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.4
SI5355 SKYWORKS-SI5355 Datasheet
1Mb / 22P
   ANY-FREQUENCY 1–200 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5338 SILABS-SI5338_V01 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5338 SILABS-SI5338 Datasheet
715Kb / 170P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5338 SKYWORKS-SI5338 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.6
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
logo
Silicon Laboratories
SI5334 SILABS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5335 SILABS-SI5335 Datasheet
1Mb / 47P
   WEB-CUSTOMIZABLE, ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR/BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com