Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5350C-B Fiches technique(PDF) 6 Page - Silicon Laboratories

No de pièce SI5350C-B
Description  FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5350C-B Fiches technique(HTML) 6 Page - Silicon Laboratories

Back Button SI5350C-B Datasheet HTML 2Page - Silicon Laboratories SI5350C-B Datasheet HTML 3Page - Silicon Laboratories SI5350C-B Datasheet HTML 4Page - Silicon Laboratories SI5350C-B Datasheet HTML 5Page - Silicon Laboratories SI5350C-B Datasheet HTML 6Page - Silicon Laboratories SI5350C-B Datasheet HTML 7Page - Silicon Laboratories SI5350C-B Datasheet HTML 8Page - Silicon Laboratories SI5350C-B Datasheet HTML 9Page - Silicon Laboratories SI5350C-B Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Si5350C-B
6
Rev. 1.0
Table 6. Output Characteristics
VDD = 1.8 V ±5%, 2.5 V ±10%, or 3.3 V ±10%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Frequency Range1
FCLK
0.0025
200
MHz
Load Capacitance
CL
FCLK < 100 MHz
15
pF
Duty Cycle
DC
FCLK < 160 MHz, Measured
at VDD/2
45
50
55
%
FCLK > 160 MHz, Measured
at VDD/2
40
50
60
%
Rise/Fall Time
tr/tf
20%–80%, CL = 5 pF
1
1.5
ns
Output High Voltage
VOH
CL =5pF
VDD – 0.6
V
Output Low Voltage
VOL
——
0.6
V
Period Jitter2,3
JPER
20-QFN, 4 outputs running,
1 per VDDO
40
95
ps, pk‐pk
10-MSOP or 20-QFN, all
outputs running
70
155
ps, pk‐pk
Cycle-to-cycle Jitter2,3
JCC
20-QFN, 4 outputs running,
1 per VDDO
—50
90
ps, pk
10-MSOP or 20-QFN, all
outputs running
70
150
ps, pk
Notes:
1. Only two unique frequencies above 112.5 MHz can be simultaneously output.
2. Measured over 10k cycles. Jitter is only specified at the default high drive strength (50
 output impedance).
3. Jitter is highly dependent on device frequency configuration. Specifications represent a “worst case, real world”
frequency plan; actual performance may be substantially better. Three-output 10MSOP package measured with clock
outputs of 74.25, 24.576, and 48 MHz. Eight-output 20QFN package measured with clock outputs of 33.33, 74.25, 27,
24.576, 22.5792, 28.322, 125, and 48 MHz.
Table 7. 25 MHz Crystal Requirements1,2
Parameter
Symbol
Min
Typ
Max
Unit
Crystal Frequency
fXTAL
—25—
MHz
Load Capacitance
CL
6—
12
pF
Equivalent Series Resistance
rESR
——
150
Crystal Max Drive Level
dL
100
µW
Notes:
1. Crystals which require load capacitances of 6, 8, or 10 pF should use the device’s internal load capacitance for
optimum performance. See register 183 bits 7:6. A crystal with a 12 pF load capacitance requirement should use a
combination of the internal 10 pF load capacitance in addition to external 2 pF load capacitance (e.g., by using 4 pF
capacitors on XA and XB).
2. Refer to “AN551: Crystal Selection Guide” for more details.


Numéro de pièce similaire - SI5350C-B

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
Si5350C-B SILABS-Si5350C-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
Rev. 1.2
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 48P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results

Description similaire - SI5350C-B

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5350 SILABS-SI5350 Datasheet
69Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
List of Unclassifed Man...
SI5351 ETC2-SI5351 Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5351B-B-GM ETC2-SI5351B-B-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
logo
Skyworks Solutions Inc.
SI5350A-B SKYWORKS-SI5350A-B Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5350B-B SILABS-SI5350B-B Datasheet
1Mb / 32P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Silicon Laboratories
SI5350B SILABS-SI5350B Datasheet
280Kb / 24P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
Rev. 1.2
logo
Silicon Laboratories
SI5351A-B SILABS-SI5351A-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com