Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5341 Fiches technique(PDF) 7 Page - Silicon Laboratories

No de pièce SI5341
Description  LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Fiches technique(HTML) 7 Page - Silicon Laboratories

Back Button SI5341 Datasheet HTML 3Page - Silicon Laboratories SI5341 Datasheet HTML 4Page - Silicon Laboratories SI5341 Datasheet HTML 5Page - Silicon Laboratories SI5341 Datasheet HTML 6Page - Silicon Laboratories SI5341 Datasheet HTML 7Page - Silicon Laboratories SI5341 Datasheet HTML 8Page - Silicon Laboratories SI5341 Datasheet HTML 9Page - Silicon Laboratories SI5341 Datasheet HTML 10Page - Silicon Laboratories SI5341 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Si5341/40
Rev. 1.0
7
Table 3. Input Specifications
(VDD =1.8 V ±5%, VDDA =3.3 V ±5%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Differential or Single-Ended/LVCMOS — AC-Coupled (IN0/IN0, IN1/IN1, IN2/IN2, FB_IN/FB_IN)
Input Frequency Range
fIN
Differential
10
750
MHz
Single-ended/LVCMOS
10
250
Input Voltage Swing5
VIN
Differential AC Coupled
fin < 250 MHz
100
1800
mVpp_se
Differential AC Coupled
250 MHz < fin < 750 MHz
225
1800
mVpp_se
Single-ended AC Coupled
fin < 250 MHz
100
3600
mVpp_se
Slew Rate1, 2
SR
400
V/µs
Duty Cycle
DC
40
60
%
Capacitance
CIN
—2
pF
DC-Coupled CMOS Input Buffer (IN0, IN1, IN2)4
Input Frequency
fIN
10
250
MHz
Input Voltage
VIL
–0.2
0.33
V
VIH
0.49
V
Slew Rate1, 2
SR
400
V/µs
Duty Cycle
DC
Clock Input
40
60
%
Minimum Pulse Width
PW
Pulse Input
1.6
ns
Input Resistance
RIN
—8
kΩ
Differential or Single-Ended/LVCMOS Clock at XA/XB
Input Frequency Range
fIN
Frequency range for best
output
jitter performance
48
200
MHz
10
200
MHz
Input Single-ended Voltage Swing
VIN_SE
365
2000
mVpp_se
Notes:
1. Imposed for jitter performance.
2. Rise and fall times can be estimated using the following simplified equation: tr/tf80-20 = ((0.8 - 0.2) * VIN_Vpp_se) / SR.
3. VDDIO is determined by the IO_VDD_SEL bit. It is selectable as VDDA or VDD.
4. DC-coupled CMOS Input Buffer selection is not supported in ClockBuilder Pro for new designs. For single-ended
LVCMOS inputs to IN0,1,2 it is required to ac-couple into the differential input buffer.
5. Voltage swing is specified as single-ended mVpp.
6. Contact Silicon Labs Technical Support for more details.
 


Numéro de pièce similaire - SI5341

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5341 SILABS-SI5341 Datasheet
5Mb / 53P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
logo
Skyworks Solutions Inc.
SI5341 SKYWORKS-SI5341 Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
logo
Silicon Laboratories
Si5341-D-EVB SILABS-Si5341-D-EVB Datasheet
5Mb / 53P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
logo
Skyworks Solutions Inc.
SI5341-D-EVB SKYWORKS-SI5341-D-EVB Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
logo
Silicon Laboratories
SI5341-EVB SILABS-SI5341-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
More results

Description similaire - SI5341

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI5341 SKYWORKS-SI5341 Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
logo
Silicon Laboratories
SI5341 SILABS-SI5341_16 Datasheet
5Mb / 53P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
logo
Silicon Laboratories
SI5345 SILABS-SI5345_16 Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5357 SKYWORKS-SI5357 Datasheet
1Mb / 27P
   12-Output Any-Frequency Clock Generator
Rev. 1.0
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
logo
Silicon Laboratories
SI5338 SILABS-SI5338_V01 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5338 SILABS-SI5338 Datasheet
715Kb / 170P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com