Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIMP151-T033EI Fiches technique(PDF) 3 Page - Total Power International

No de pièce TPIMP151-T033EI
Description  ACCOMMODATE UNIVERSAL AC SOURCES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOTAL-POWER [Total Power International]
Site Internet  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPIMP151-T033EI Fiches technique(HTML) 3 Page - Total Power International

  TPIMP151-T033EI Datasheet HTML 1Page - Total Power International TPIMP151-T033EI Datasheet HTML 2Page - Total Power International TPIMP151-T033EI Datasheet HTML 3Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DERATING CHART
TPIMP151-S050270
Forced air cooling- 5CFM
Forced air cooling- 20CFM
Forced air cooling- 30CFM
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30405060
70
8090
deg C
%
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
405060
7080
90
100
deg C
%
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
405060
7080
90
100
deg C
%
TPIMP151-D050I
Forced air cooling- 5CFM
Forced air cooling- 20CFM
Forced air cooling- 23CFM
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
4050
6070
8090
deg C
%
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
1020
3040
50
6070
8090
100
deg C
%
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
405060
7080
90
100
deg C
%
TPIMP151-T033EI
Forced air cooling- 5CFM
Forced air cooling- 20CFM
Forced air cooling- 30CFM
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10203040
5060708090 100
deg C
%
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
40
506070
80
90
100
deg C
%
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
405060
7080
90 100
deg C
%
TPIMP151-Q050KKE
Forced air cooling- 5CFM
Forced air cooling- 20CFM
Forced air cooling- 26CFM
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30405060
70
8090
deg C
%
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
4050
6070
80
90 100
deg C
%
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
405060
7080
90 100
deg C
%
Total Power International, Inc.


Numéro de pièce similaire - TPIMP151-T033EI

FabricantNo de pièceFiches techniqueDescription
logo
GREATECS
TPI GREATECS-TPI Datasheet
390Kb / 2P
   SPST THT Tactile Switches with LED
logo
Toppower Electronic Tec...
TPI TOPPOWER-TPI Datasheet
198Kb / 3P
   1W 3KVDC Isolation & Regulated Dual Output DC-DC Converters
logo
STMicroelectronics
TPI STMICROELECTRONICS-TPI Datasheet
195Kb / 9P
   Tripolar protection for ISDN interfaces
November 2007 Rev 5
logo
Toppower Electronic Tec...
TPI-2W TOPPOWER-TPI-2W Datasheet
800Kb / 3P
   2W 3KVDC Isolated & Regulated Single and Dual Output DC/DC Converters
TPI0505S-2W TOPPOWER-TPI0505S-2W Datasheet
800Kb / 3P
   2W 3KVDC Isolated & Regulated Single and Dual Output DC/DC Converters
More results

Description similaire - TPIMP151-T033EI

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
TPMI100 TOTAL-POWER-TPMI100 Datasheet
156Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
RSG Electronic Componen...
HPU100-S033250 RSG-HPU100-S033250 Datasheet
223Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
Total Power Internation...
TPMI19 TOTAL-POWER-TPMI19 Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPPU-60 TOTAL-POWER-TPPU-60 Datasheet
390Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI63 TOTAL-POWER-TPMI63 Datasheet
169Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPPU100 TOTAL-POWER-TPPU100 Datasheet
393Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
RSG Electronic Componen...
HPU60-S025180 RSG-HPU60-S025180 Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
Total Power Internation...
TPMI40 TOTAL-POWER-TPMI40 Datasheet
153Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI43 TOTAL-POWER-TPMI43 Datasheet
178Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPEMG75 TOTAL-POWER-TPEMG75 Datasheet
376Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com