Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LKG1J332MESABK Fiches technique(PDF) 5 Page - Nichicon corporation

No de pièce LKG1J332MESABK
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NICHICON [Nichicon corporation]
Site Internet  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LKG1J332MESABK Fiches technique(HTML) 5 Page - Nichicon corporation

  LKG1J332MESABK Datasheet HTML 1Page - Nichicon corporation LKG1J332MESABK Datasheet HTML 2Page - Nichicon corporation LKG1J332MESABK Datasheet HTML 3Page - Nichicon corporation LKG1J332MESABK Datasheet HTML 4Page - Nichicon corporation LKG1J332MESABK Datasheet HTML 5Page - Nichicon corporation LKG1J332MESABK Datasheet HTML 6Page - Nichicon corporation LKG1J332MESABK Datasheet HTML 7Page - Nichicon corporation LKG1J332MESABK Datasheet HTML 8Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
351
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100E
LKG
Dimensions (
Snap-in Terminal Type : Grade TYPE-2)
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
20 × 25
25 × 20
20 × 30
22 × 25
20 × 35
22 × 30
25 × 25
30 × 20
20 × 40
22 × 35
25 × 30
20 × 45
22 × 40
30 × 25
35 × 20
22 × 45
25 × 35
30 × 30
25 × 45
30 × 35
35 × 25
25 × 50
30 × 40
35 × 30
30 × 45
35 × 35
30 × 50
35 × 40
35 × 50
1.65
1.65
1.85
1.85
1.95
1.95
1.90
1.95
2.15
2.15
2.10
2.35
2.35
2.35
2.45
2.70
2.75
2.50
2.80
2.75
2.95
3.20
3.20
3.15
3.35
3.35
3.80
4.35
4.60
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
LKG1J821MESYBK
LKG1J821MESABK
LKG1J102MESYBK
LKG1J102MESZBK
LKG1J122MESYBK
LKG1J122MESZBK
LKG1J122MESABK
LKG1J122MESBBK
LKG1J152MESYBK
LKG1J152MESZBK
LKG1J152MESABK
LKG1J182MESYBK
LKG1J182MESZBK
LKG1J182MESBBK
LKG1J182MESCBK
LKG1J222MESZBK
LKG1J222MESABK
LKG1J222MESBBK
LKG1J272MESABK
LKG1J272MESBBK
LKG1J272MESCBK
LKG1J332MESABK
LKG1J332MESBBK
LKG1J332MESCBK
LKG1J392MESBBK
LKG1J392MESCBK
LKG1J472MESBBK
LKG1J562MESCBK
LKG1J682MESCBK
63V(1J)
Rated ripple
(Arms)
tan δ
Code
Size
φD
× L(mm)
Cap.
(µF)
680
820
1000
1200
1500
1800
2200
2700
3300
20 × 40
22 × 35
25 × 30
20 × 45
22 × 40
30 × 25
35 × 20
22 × 45
25 × 35
22 × 50
25 × 40
30 × 30
35 × 25
25 × 50
30 × 35
35 × 30
30 × 40
35 × 35
30 × 50
35 × 40
35 × 45
35 × 50
2.15
2.15
2.10
2.40
2.40
2.35
2.45
2.70
2.75
3.00
2.75
3.05
2.90
3.20
3.40
3.20
3.70
3.40
3.95
3.80
4.30
4.95
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
LKG2A681MESYBK
LKG2A681MESZBK
LKG2A681MESABK
LKG2A821MESYBK
LKG2A821MESZBK
LKG2A821MESBBK
LKG2A821MESCBK
LKG2A102MESZBK
LKG2A102MESABK
LKG2A122MESZBK
LKG2A122MESABK
LKG2A122MESBBK
LKG2A122MESCBK
LKG2A152MESABK
LKG2A152MESBBK
LKG2A152MESCBK
LKG2A182MESBBK
LKG2A182MESCBK
LKG2A222MESBBK
LKG2A222MESCBK
LKG2A272MESCBK
LKG2A332MESCBK
100V(2A)
Rated ripple
(Arms)
tan δ
Code
Size
φD
× L(mm)
Cap.
(µF)
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
20 × 35
22 × 30
25 × 25
30 × 20
20 × 45
22 × 35
25 × 30
35 × 20
20 × 50
22 × 40
25 × 35
30 × 25
22 × 50
25 × 40
30 × 30
25 × 45
30 × 35
35 × 25
25 × 50
30 × 40
35 × 30
30 × 45
35 × 35
30 × 50
35 × 40
35 × 45
35 × 50
2.05
2.05
2.00
2.05
2.20
2.20
2.15
2.10
2.45
2.45
2.30
2.40
2.60
2.65
2.65
2.85
2.85
3.00
3.25
3.15
3.25
3.60
3.55
4.10
3.95
4.35
4.85
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
LKG1K821MESYBK
LKG1K821MESZBK
LKG1K821MESABK
LKG1K821MESBBK
LKG1K102MESYBK
LKG1K102MESZBK
LKG1K102MESABK
LKG1K102MESCBK
LKG1K122MESYBK
LKG1K122MESZBK
LKG1K122MESABK
LKG1K122MESBBK
LKG1K152MESZBK
LKG1K152MESABK
LKG1K152MESBBK
LKG1K182MESABK
LKG1K182MESBBK
LKG1K182MESCBK
LKG1K222MESABK
LKG1K222MESBBK
LKG1K222MESCBK
LKG1K272MESBBK
LKG1K272MESCBK
LKG1K332MESBBK
LKG1K332MESCBK
LKG1K392MESCBK
LKG1K472MESCBK
80V(1K)
Rated ripple
(Arms)
tan δ
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated ripple current (Arms) at 85°C 120Hz


Description similaire - LKG1J332MESABK

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com