Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPEMG49-S150330-7 Fiches technique(PDF) 2 Page - Total Power International

No de pièce TPEMG49-S150330-7
Description  ACCOMMODATE UNIVERSAL AC INPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOTAL-POWER [Total Power International]
Site Internet  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPEMG49-S150330-7 Fiches technique(HTML) 2 Page - Total Power International

  TPEMG49-S150330-7 Datasheet HTML 1Page - Total Power International TPEMG49-S150330-7 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 373.0g (13.2 Oz.)
SINGLE OUTPUT
MODEL NO.
AC INLET
O/P VOLTAGE
O/P CURRENT
TPEMG49-S120400-7
IEC320-C14(DT7)
12.0Vdc
4.0A
TPEMG49-S120400-8
IEC320-C8(DT8)
12.0Vdc
4.0A
TPEMG49-S150330-7
IEC320-C14(DT7)
15.0Vdc
3.3A
TPHEMG49-S150330-8
IEC320-C8(DT8)
15.0Vdc
3.3A
TPEMG49-S240210-7
IEC320-C14(DT7)
24.0Vdc
2.1A
TPEMG49-S240210-8
IEC320-C8(DT8)
24.0Vdc
2.1A
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com
Total Power International, Inc.


Numéro de pièce similaire - TPEMG49-S150330-7

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
TPEMG24 TOTAL-POWER-TPEMG24 Datasheet
212Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG24-S050400-7 TOTAL-POWER-TPEMG24-S050400-7 Datasheet
212Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG24-S050400-8 TOTAL-POWER-TPEMG24-S050400-8 Datasheet
212Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG24-S075300-7 TOTAL-POWER-TPEMG24-S075300-7 Datasheet
212Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG24-S075300-8 TOTAL-POWER-TPEMG24-S075300-8 Datasheet
212Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
More results

Description similaire - TPEMG49-S150330-7

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
TPEMG75 TOTAL-POWER-TPEMG75 Datasheet
376Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG24 TOTAL-POWER-TPEMG24 Datasheet
212Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES61 TOTAL-POWER-TPES61 Datasheet
433Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP100G TOTAL-POWER-TPEMP100G Datasheet
483Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP150G TOTAL-POWER-TPEMP150G Datasheet
366Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
logo
HITRON ELECTRONICS CORP...
HEMP106G HITRON-HEMP106G Datasheet
108Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
logo
Total Power Internation...
TPES65 TOTAL-POWER-TPES65 Datasheet
615Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEG42 TOTAL-POWER-TPEG42 Datasheet
481Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES25 TOTAL-POWER-TPES25 Datasheet
458Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPMI100 TOTAL-POWER-TPMI100 Datasheet
156Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com