Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LKG1K122MESBAK Fiches technique(PDF) 8 Page - Nichicon corporation

No de pièce LKG1K122MESBAK
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NICHICON [Nichicon corporation]
Site Internet  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LKG1K122MESBAK Fiches technique(HTML) 8 Page - Nichicon corporation

  LKG1K122MESBAK Datasheet HTML 1Page - Nichicon corporation LKG1K122MESBAK Datasheet HTML 2Page - Nichicon corporation LKG1K122MESBAK Datasheet HTML 3Page - Nichicon corporation LKG1K122MESBAK Datasheet HTML 4Page - Nichicon corporation LKG1K122MESBAK Datasheet HTML 5Page - Nichicon corporation LKG1K122MESBAK Datasheet HTML 6Page - Nichicon corporation LKG1K122MESBAK Datasheet HTML 7Page - Nichicon corporation LKG1K122MESBAK Datasheet HTML 8Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
354
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100E
LKG
Dimensions (
Lug Terminal Type : Grade TYPE-1)
Dimensions (
Lug Terminal Type : Grade TYPE-2)
Dimensions (
Lug Terminal Type : Grade TYPE-3)
50V(1H)
63V(1J)
80V(1K)
100V(2A)
22000
15000
22000
10000
15000
22000
6800
10000
15000
22000
40 × 68
40 × 68
40 × 100
40 × 68
40 × 100
50 × 100
40 × 68
40 × 100
50 × 100
63 × 80
5.40
5.60
6.60
5.40
6.50
7.80
5.10
6.00
7.40
9.70
0.30
0.30
0.30
0.25
0.25
0.25
0.25
0.25
0.25
0.25
LKG1H223MKNF
LKG1J153MKNF
LKG1J223MKNF
LKG1K103MKNF
LKG1K153MKNF
LKG1K223MKZF
LKG2A682MKNF
LKG2A103MKNF
LKG2A153MKZF
LKG2A223MKZF
Size
φD
× L(mm)
Rated ripple
(Arms)
tan δ
Code
Cap.
(µF)
Rated Voltage
(V)(code)
50(1H)
63(1J)
80(1K)
100(2A)
10000
15000
22000
6800
10000
15000
22000
6800
10000
15000
22000
6800
10000
15000
22000
35 × 80
40 × 80
50 × 80
35 × 68
40 × 80
40 × 100
50 × 100
40 × 100
50 × 80
50 × 100
63 × 100
50 × 80
50 × 100
63 × 80
76 × 100
4.60
6.10
8.30
4.30
4.90
6.70
9.10
6.10
6.20
8.40
11.6
6.20
6.90
8.70
12.9
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
LKG1H103MKN
LKG1H153MKN
LKG1H223MKZ
L K G 1 J 6 8 2 M K N
L K G 1 J 1 0 3 M K N
L K G 1 J 1 5 3 M K N
L K G 1 J 2 2 3 M K Z
LKG1K682MKN
L K G 1 K 1 0 3 M K Z
L K G 1 K 1 5 3 M K Z
L K G 1 K 2 2 3 M K Z
L K G 2 A 6 8 2 M K Z
L K G 2 A 1 0 3 M K Z
L K G 2 A 1 5 3 M K Z
L K G 2 A 2 2 3 M K Z
Size
φD
× L(mm)
Rated ripple
(Arms)
tan δ
Code
Cap.
(µF)
Rated Voltage
(V)(code)
50(1H)
63(1J)
80(1K)
100(2A)
6800
10000
15000
22000
6800
10000
15000
22000
6800
10000
15000
22000
6800
10000
15000
40 × 80
40 × 100
50 × 100
63 × 80
40 × 100
50 × 80
63 × 80
63 × 100
50 × 80
63 × 80
63 × 100
76 × 100
50 × 100
63 × 100
76 × 100
5.50
6.10
8.40
10.5
6.10
6.20
8.70
11.6
6.70
7.60
10.1
13.7
7.30
8.30
11.3
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.20
0.20
0.20
0.20
0.20
0.20
0.20
LKG1H682MKNS
LKG1H103MKNS
LKG1H153MKZS
LKG1H223MKZS
LKG1J682MKNS
LKG1J103MKZS
LKG1J153MKZS
LKG1J223MKZS
LKG1K682MKZS
LKG1K103MKZS
LKG1K153MKZS
LKG1K223MKZS
LKG2A682MKZS
LKG2A103MKZS
LKG2A153MKZS
Size
φD
× L(mm)
Rated ripple
(Arms)
tan δ
Code
Cap.
(µF)
Rated Voltage
(V)(code)
Rated ripple current (Arms) at 85°C 120Hz


Description similaire - LKG1K122MESBAK

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com