Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI599 Fiches technique(PDF) 7 Page - Silicon Laboratories

No de pièce SI599
Description  Programmable with 28 parts per trillion frequency resolution
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI599 Fiches technique(HTML) 7 Page - Silicon Laboratories

Back Button SI599 Datasheet HTML 3Page - Silicon Laboratories SI599 Datasheet HTML 4Page - Silicon Laboratories SI599 Datasheet HTML 5Page - Silicon Laboratories SI599 Datasheet HTML 6Page - Silicon Laboratories SI599 Datasheet HTML 7Page - Silicon Laboratories SI599 Datasheet HTML 8Page - Silicon Laboratories SI599 Datasheet HTML 9Page - Silicon Laboratories SI599 Datasheet HTML 10Page - Silicon Laboratories SI599 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Si598/Si599
Rev. 1.0
7
Table 4. CLK± Output Levels and Symmetry
(Typical values TA = 25 ºC, VDD = 3.3 V, min/max limits VDD = 1.8 ±5%, 2.5 or 3.3 V ±10%, TA = –40 to 85 ºC unless otherwise
noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
LVPECL Output Option1
VO
mid-level
VDD – 1.42
VDD – 1.25
V
VOD
swing (diff)
1.1
1.9
VPP
VSE
swing (single-ended)
0.55
0.95
VPP
LVDS Output Option2
VO
mid-level
1.125
1.20
1.275
V
VOD
swing (diff)
0.5
0.7
0.9
VPP
CML Output Option2
VO
2.5/3.3 V option mid-level
VDD – 1.30
V
1.8 V option mid-level
VDD – 0.36
V
VOD
2.5/3.3 V option swing (diff)
1.10
1.50
1.90
VPP
1.8 V option swing (diff)
0.35
0.425
0.50
VPP
CMOS Output Option3
VOH
IOH =32mA
0.8 x VDD
VDD
V
VOL
IOL =32mA
0.4
V
Rise/Fall Time (20/80 %)
tR, tF
LVPECL/LVDS/CML
350
ps
CMOS with CL =15pF
1
ns
Symmetry (duty cycle)
SYM
LVPECL:
VDD – 1.3 V (diff)
LVDS:
1.25 V (diff)
CMOS:
VDD/2
48
52
%
Notes:
1.
50
 to VDD – 2.0 V.
2.
Rterm =100  (differential).
3.
CL = 15 pF sinking or sourcing 12 mA for VDD = 3.3 V, 6 mA for VDD = 2.5 V, 3 mA for VDD =1.8 V.


Numéro de pièce similaire - SI599

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI599 SILABS-SI599 Datasheet
1Mb / 44P
   ANSI C REFERENCE DESIGN WITH OPTIONAL NON-VOLATILE OUTPUT FREQUENCY
logo
Skyworks Solutions Inc.
SI599 SKYWORKS-SI599 Datasheet
603Kb / 27P
   10–810 MHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.1
logo
Vishay Siliconix
SI5997DU VISHAY-SI5997DU Datasheet
164Kb / 9P
   Dual P-Channel 30 V (D-S) MOSFET
Rev. A, 29-Nov-10
SI5997DU VISHAY-SI5997DU Datasheet
165Kb / 9P
   Dual P-Channel 30 V (D-S) MOSFET
08-Feb-17
SI5997DU VISHAY-SI5997DU_V01 Datasheet
165Kb / 9P
   Dual P-Channel 30 V (D-S) MOSFET
08-Feb-17
More results

Description similaire - SI599

FabricantNo de pièceFiches techniqueDescription
logo
Winchester Electronics ...
060-500-0859S WINCHESTER-060-500-0859S Datasheet
61Kb / 1P
   ALL METAL PARTS: BRASS PER ASTM B16 INSULATOR: TEFLON PER ASTM D1710
logo
Eutech Microelectronics...
EUP3286 EUTECH-EUP3286 Datasheet
95Kb / 1P
   Converter with Programmable Frequency
logo
GREATECS
IS15DBFP4RGB GREATECS-IS15DBFP4RGB Datasheet
2Mb / 7P
   Programmable High Resolution LCD Switches
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20 Datasheet
396Kb / 20P
   Programmable Resolution 1-Wire Digital Thermometer
Rev 6; 7/19
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20_08 Datasheet
183Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_V01 Datasheet
322Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
2008
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20 Datasheet
391Kb / 27P
   Programmable Resolution 1-Wire Digital Thermometer
DS18B20 DALLAS-DS18B20_07 Datasheet
223Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1825 MAXIM-DS1825 Datasheet
286Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer With 4-Bit ID
Rev 020105
logo
Integrated Device Techn...
5P49V5907 IDT-5P49V5907 Datasheet
430Kb / 30P
   Programmable frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com