Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI599 Fiches technique(PDF) 6 Page - Silicon Laboratories

No de pièce SI599
Description  Programmable with 28 parts per trillion frequency resolution
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI599 Fiches technique(HTML) 6 Page - Silicon Laboratories

Back Button SI599 Datasheet HTML 2Page - Silicon Laboratories SI599 Datasheet HTML 3Page - Silicon Laboratories SI599 Datasheet HTML 4Page - Silicon Laboratories SI599 Datasheet HTML 5Page - Silicon Laboratories SI599 Datasheet HTML 6Page - Silicon Laboratories SI599 Datasheet HTML 7Page - Silicon Laboratories SI599 Datasheet HTML 8Page - Silicon Laboratories SI599 Datasheet HTML 9Page - Silicon Laboratories SI599 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Si598/Si599
6
Rev. 1.0
Table 3. CLK± Output Frequency Characteristics
(Typical values TA = 25 ºC, VDD= 3.3 V, min/max limits VDD = 1.8 ±5%, 2.5 or 3.3 V ±10%, TA = –40 to 85 ºC unless otherwise
noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Programmable Frequency
Range1,2,3
fO
LVPECL/LVDS/CML
10
810
MHz
CMOS
10
160
MHz
Total Stability (Si598)1,2,4,5
Temp stability = ±20 ppm
±30
ppm
Temp stability = ±25 ppm
±50
ppm
Temp stability = ±50 ppm
±100
ppm
Temperature Stability (Si599)1,5
TA = –40 to +85 ºC
–20
–50
+20
+50
ppm
Absolute Pull Range1,5 (Si599)
APR
±10
±370
ppm
Powerup Time6
tOSC
——
10
ms
Notes:
1.
See Section 7. Ordering Information on page 22 for further details.
2.
Specified at time of order by part number. Three frequency grades are available:
Grade A covers 10 to 810 MHz.
Grade B covers 10 to 280 MHz.
Grade C covers 10 to 160 MHz.
3.
Nominal output frequency set by VCNOM =1/2 xVDD.
4.
Includes initial accuracy, temperature drift, shock, vibration, power supply and load drift. ±100 ppm and ±50 ppm
options include 15 years aging at 70 °C. ±30 ppm option includes 10 years aging at 40 °C.
5.
Selectable parameter specified by part number. See 7. Ordering Information on page 22.
6.
Time from power up or tristate mode to fO.


Numéro de pièce similaire - SI599

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI599 SILABS-SI599 Datasheet
1Mb / 44P
   ANSI C REFERENCE DESIGN WITH OPTIONAL NON-VOLATILE OUTPUT FREQUENCY
logo
Skyworks Solutions Inc.
SI599 SKYWORKS-SI599 Datasheet
603Kb / 27P
   10–810 MHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.1
logo
Vishay Siliconix
SI5997DU VISHAY-SI5997DU Datasheet
164Kb / 9P
   Dual P-Channel 30 V (D-S) MOSFET
Rev. A, 29-Nov-10
SI5997DU VISHAY-SI5997DU Datasheet
165Kb / 9P
   Dual P-Channel 30 V (D-S) MOSFET
08-Feb-17
SI5997DU VISHAY-SI5997DU_V01 Datasheet
165Kb / 9P
   Dual P-Channel 30 V (D-S) MOSFET
08-Feb-17
More results

Description similaire - SI599

FabricantNo de pièceFiches techniqueDescription
logo
Winchester Electronics ...
060-500-0859S WINCHESTER-060-500-0859S Datasheet
61Kb / 1P
   ALL METAL PARTS: BRASS PER ASTM B16 INSULATOR: TEFLON PER ASTM D1710
logo
Eutech Microelectronics...
EUP3286 EUTECH-EUP3286 Datasheet
95Kb / 1P
   Converter with Programmable Frequency
logo
GREATECS
IS15DBFP4RGB GREATECS-IS15DBFP4RGB Datasheet
2Mb / 7P
   Programmable High Resolution LCD Switches
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20 Datasheet
396Kb / 20P
   Programmable Resolution 1-Wire Digital Thermometer
Rev 6; 7/19
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20_08 Datasheet
183Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_V01 Datasheet
322Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
2008
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20 Datasheet
391Kb / 27P
   Programmable Resolution 1-Wire Digital Thermometer
DS18B20 DALLAS-DS18B20_07 Datasheet
223Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1825 MAXIM-DS1825 Datasheet
286Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer With 4-Bit ID
Rev 020105
logo
Integrated Device Techn...
5P49V5907 IDT-5P49V5907 Datasheet
430Kb / 30P
   Programmable frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com