Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XX-4501-21WR Fiches technique(PDF) 1 Page - Aries Electronics, Inc.

No de pièce XX-4501-21WR
Description  Series 501 Standard DIP Socket w/Bifurcated Contacts & Wire Wrap Pins
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ARIES [Aries Electronics, Inc.]
Site Internet  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

XX-4501-21WR Fiches technique(HTML) 1 Page - Aries Electronics, Inc.

  XX-4501-21WR Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road Bristol, PA 19007-6810 USA
TEL 215-781-9956 FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
12005
Rev. 4.2
1 of 1
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
FOR SOLDER PIN TAILS, SEE DATA SHEETS 12004
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
• BifurcatedContactsinStandardDIPSocketswithSolderTailsorWireWrapPins
GENERAL SPECIFICATIONS
STANDARD BODY:BlackUL94V-0Glass-filled4/6Nylon
BIFURCATED CONTACTS:GradeASpring-temperedPhosphorBronzeperQQ-B-750
PIN PLATING:10µ[0.25µ]min.AuperMIL-G-45204over50µ[1.27µ]min.NiperSAEAMS-QQ-
N-290B;
–OR–200µ[5.08µ]min.matteSnperASTMB545-97(2004)e1over50µ[1.27µ]min.Ni
perSAEAMS-QQ-N-290B;
–OR–200µ[5.08µ]min.90/10Sn/PbperMIL-T-10727Type1over50µ
[1.27µ]min.NiperSAEAMS-QQ-N-290B
CONTACT CURRENT RATING:1.5amps
INSERTION FORCE:110g/pinaverage
WITHDRAWAL FORCE:75g/pinaverage
OPERATING TEMPERATURE:-67°Fto221°F[-55°Cto105°C]Sn;-67°Fto
257°F[-55°Cto125°C]Au
LEADS ACCEPTED:Flatleadsupto0.014thickx0.020wide[0.36-0.51],Round
leadsupto0.020[0.51]dia.
LEAD LENGTHS:fromseatingplanefrom0.075-0.160[1.91-4.06]
MOUNTING CONSIDERATIONS
SUGGESTED PCB HOLE SIZE: 0.045 ±0.002 [1.12 ±0.05] dia.
Series 501 Standard DIP Socket
w/Bifurcated Contacts & Wire Wrap Pins
ORDERING INFORMATION
XX-X 501-X XXX XX
Rails Option
WR=WithoutRails
Plating
0=Sn
1=Au
0TL=Sn/Pb
Termination
2=2-levelWireWrap
3=3-levelWireWrap
Series
Row-to-Row Spacing(Dim.“C”)
2 = 0.200 [5.08]
3=0.300[7.62]
4 = 0.400 [10.16]
6 = 0.600 [15.24]
No. of Pins
(SeeTable)
Centers “C”
Width “D”
Available Sizes
0.200 [5.08]
0.290[7.36]
8, 10
0.300[7.62]
0.390[9.90]
8, 14-20
0.400 [10.16]
0.490 [12.45]
22
0.600 [15.24]
0.690 [17.54]
8-24, 28-40, 48
Wire Wrap
Length “E”
2-level
0.410 [10.41]
3-level
0.690 [17.52]


Numéro de pièce similaire - XX-4501-21WR

FabricantNo de pièceFiches techniqueDescription
logo
Aries Electronics, Inc.
XX-4511-10TLWR ARIES-XX-4511-10TLWR Datasheet
526Kb / 1P
   Series 511 Standard DIP Socket w/Bifurcated Contacts & Solder Pin Tails
XX-4511-10WR ARIES-XX-4511-10WR Datasheet
526Kb / 1P
   Series 511 Standard DIP Socket w/Bifurcated Contacts & Solder Pin Tails
XX-4511-11WR ARIES-XX-4511-11WR Datasheet
526Kb / 1P
   Series 511 Standard DIP Socket w/Bifurcated Contacts & Solder Pin Tails
More results

Description similaire - XX-4501-21WR

FabricantNo de pièceFiches techniqueDescription
logo
Aries Electronics, Inc.
12009 ARIES-12009 Datasheet
720Kb / 1P
   Series 501 Strip-Line??Socket Strip w/Bifurcated Contacts & Wire Wrap Pins
501 ARIES-501 Datasheet
610Kb / 1P
   Bifurcated Contacts in Standard DIP Sockets with Solder Tails or Wire Wrap Pins
12025 ARIES-12025 Datasheet
1Mb / 2P
   EJECT-A-DIP Lock/Eject DIP Socket w/Collet Contacts & Wire Wrap Pins
511 ARIES-511 Datasheet
526Kb / 1P
   Bifurcated Contacts with Solder Tail or Wire Wrap Pins
12004 ARIES-12004 Datasheet
526Kb / 1P
   Series 511 Standard DIP Socket w/Bifurcated Contacts & Solder Pin Tails
12017 ARIES-12017 Datasheet
814Kb / 1P
   Series 508 Open Frame Socket w/Collet Contacts & Wire Wrap Pins
12027 ARIES-12027 Datasheet
563Kb / 1P
   Series 508 Open-Frame Capacitor Socket w/Collet Contacts & Wire Wrap Pins
12012 ARIES-12012 Datasheet
936Kb / 1P
   Series 503 Lo-PRO file Socket w/Collet Contacts & Wire Wrap Pins
13001 ARIES-13001 Datasheet
879Kb / 1P
   Series 800 Vertisocket??DIP Socket w/Bifurcated Contacts for Horizontal Mounting
28-0501-31 ARIES-28-0501-31 Datasheet
228Kb / 2P
   Series 0501 Strip-line Sockets with Bifurcated Contact Wire Wrap Pins
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com