Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD401M328RBA-5 Fiches technique(PDF) 11 Page - List of Unclassifed Manufacturers

No de pièce AD401M328RBA-5
Description  Low voltage operation is more suitable to be used on battery backup, portable electronic
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

AD401M328RBA-5 Fiches technique(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AD401M328RBA-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD401M328RBA-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD401M328RBA-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD401M328RBA-5 Datasheet HTML 10Page - List of Unclassifed Manufacturers AD401M328RBA-5 Datasheet HTML 11Page - List of Unclassifed Manufacturers AD401M328RBA-5 Datasheet HTML 12Page - List of Unclassifed Manufacturers AD401M328RBA-5 Datasheet HTML 13Page - List of Unclassifed Manufacturers AD401M328RBA-5 Datasheet HTML 14Page - List of Unclassifed Manufacturers AD401M328RBA-5 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Rev.1
Page 11
Read Cycle
Write Cycle
Parameter
Symbol
AD404M42V
Unit
Notes
-5
-6
Min
Max
Min
Max
Access time from RAS
tRAC
-
50
-
60
ns
12
Access time from CAS
tCAC
-
14
-
15
ns
13, 14
Access time from column address
tAA
-
25
-
30
ns
14, 15
Access time from OE
tOEA
-
12
-
15
ns
Read command setup time
tRCS
0
-
0
-
ns
7
Read command hold time to CAS
tRCH
0
-
0
-
ns
10, 16
Read command hold time to RAS
tRRH
0
-
0
-
ns
16
Output buffer turn-off time
tOFF
0
12
0
15
ns
17
Output buffer turn-off time from OE
tOEZ
0
12
0
15
ns
17
Parameter
Symbol
AD404M42V
Unit
Notes
-5
-6
Min
Max
Min
Max
Write command setup time
tWCS
0
-
0
-
ns
7, 18
Write command hold time
tWCH
8
-
10
-
ns
Write command pulse width
tWP
8
-
10
-
ns
Write command to RAS lead time
tRWL
13
-
15
-
ns
Write command to CAS lead time
tCWL
8
-
10
-
ns
Data-in setup time
tDS
0
-
0
-
ns
19
Data-in hold time
tDH
8
-
10
-
ns
19
WE to Data-in delay
tWED
10
-
10
-
ns


Numéro de pièce similaire - AD401M328RBA-5

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD4010 AD-AD4010 Datasheet
599Kb / 36P
   Precision, Pseudo Differential, SAR ADCs
AD4011 AD-AD4011 Datasheet
1Mb / 38P
   Precision, Differential SAR ADCs
AD4011BCPZ-RL7 AD-AD4011BCPZ-RL7 Datasheet
1Mb / 38P
   Precision, Differential SAR ADCs
More results

Description similaire - AD401M328RBA-5

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HD74ALVC2G04 HITACHI-HD74ALVC2G04 Datasheet
89Kb / 10P
   Low voltage and high speed operation is suitable for the battery powered products
logo
JMK Inc.
AA-1113-1 JMK-AA-1113-1 Datasheet
27Kb / 1P
   battery charger is designed to provide charging capability for lead acid batteries used as backup batteries for vehicular electronic systems
logo
Silicon Laboratories
EFM32WG390 SILABS-EFM32WG390 Datasheet
2Mb / 82P
   Operation from backup battery when main power drains out
EFM32WG990 SILABS-EFM32WG990 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG380 SILABS-EFM32WG380 Datasheet
2Mb / 82P
   Operation from backup battery when main power drains out
EFM32WG942 SILABS-EFM32WG942 Datasheet
2Mb / 78P
   Operation from backup battery when main power drains out
EFM32WG332 SILABS-EFM32WG332 Datasheet
2Mb / 76P
   Operation from backup battery when main power drains out
EFM32WG360 SILABS-EFM32WG360 Datasheet
1Mb / 75P
   Operation from backup battery when main power drains out
EFM32WG980 SILABS-EFM32WG980 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG995 SILABS-EFM32WG995 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com