Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN611 Fiches technique(PDF) 6 Page - Silicon Laboratories

No de pièce AN611
Description  USING THE ISOVOLT DC/DC CONVERTER REFERENCE DESIGN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN611 Fiches technique(HTML) 6 Page - Silicon Laboratories

Back Button AN611 Datasheet HTML 2Page - Silicon Laboratories AN611 Datasheet HTML 3Page - Silicon Laboratories AN611 Datasheet HTML 4Page - Silicon Laboratories AN611 Datasheet HTML 5Page - Silicon Laboratories AN611 Datasheet HTML 6Page - Silicon Laboratories AN611 Datasheet HTML 7Page - Silicon Laboratories AN611 Datasheet HTML 8Page - Silicon Laboratories AN611 Datasheet HTML 9Page - Silicon Laboratories AN611 Datasheet HTML 10Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AN611
6
Rev. 0.2
2. Adjusting Converter Performance
The gate driver used in this reference design is a general-purpose driver that can be used to drive any high- and
low-side drive with the proper selection of components. The selection of the bootstrap capacitor and resistor is
important (see "1.1. Gate Driver Circuits" on page 2 for details). Increasing the gate drive current requires higher
current drive transistors (e.g. Q1 and Q2 in Figure 2).
2.1. Changing Output Voltage
The dc-dc converter can be adapted for different output voltages by modifying the turns-ratio of the isolation
transformer. The secondary rectifiers (diodes D1 and D2 shown in Figure 1) should be rated for at least twice the
maximum clamped voltage at the input to the linear regulator. In practice, it is recommended to use at least 50%
overhead above this value to accommodate the voltage spikes due to circuit parasitics. The output filter capacitor
should also be rated according to the maximum output voltage generated.


Numéro de pièce similaire - AN611

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
AN611 MAXIM-AN611 Datasheet
37Kb / 3P
   TD-SCDMA Radio Chipset Block Diagram for Handset Application
Jun 01, 2001
More results

Description similaire - AN611

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
AN892 SILABS-AN892 Datasheet
314Kb / 16P
   DESIGN GUIDE FOR ISOLATED DC/DC USING THE
logo
STMicroelectronics
UM0925 STMICROELECTRONICS-UM0925 Datasheet
853Kb / 22P
   Using the M24LR64-R datalogger reference design
logo
Silicon Laboratories
AN45 SILABS-AN45 Datasheet
219Kb / 14P
   DESIGN GUIDE FOR THE Si3210/15/16 DC-DC CONVERTER
logo
Power Integrations, Inc...
DPA424PN POWERINT-DPA424PN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide
DPA422PN POWERINT-DPA422PN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide
logo
IXYS Corporation
IXAN0069 IXYS-IXAN0069 Datasheet
200Kb / 11P
   DC to DC Synchronous Converter Design
logo
Cirrus Logic
CRD42528 CIRRUS-CRD42528 Datasheet
1Mb / 50P
   Reference Design for the
logo
NXP Semiconductors
UM10561 PHILIPS-UM10561 Datasheet
1Mb / 24P
   UBA2017AT reference design for 420 V (DC)
Rev. 1-13 August 2012
logo
Power Integrations, Inc...
DPA422GN POWERINT-DPA422GN Datasheet
1Mb / 20P
   DPA-Switch DC-DC Forward Converter Design Guide
logo
MORNSUN Science& Techno...
QA01 MORNSUN-QA01 Datasheet
677Kb / 5P
   Application Design For IGBT Driver DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com