Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3402 Fiches technique(PDF) 1 Page - Silicon Laboratories

No de pièce SI3402
Description  OPTIMIZED CLASS 1 PD DESIGNS USING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3402 Fiches technique(HTML) 1 Page - Silicon Laboratories

  SI3402 Datasheet HTML 1Page - Silicon Laboratories SI3402 Datasheet HTML 2Page - Silicon Laboratories SI3402 Datasheet HTML 3Page - Silicon Laboratories SI3402 Datasheet HTML 4Page - Silicon Laboratories SI3402 Datasheet HTML 5Page - Silicon Laboratories SI3402 Datasheet HTML 6Page - Silicon Laboratories SI3402 Datasheet HTML 7Page - Silicon Laboratories SI3402 Datasheet HTML 8Page - Silicon Laboratories SI3402 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev. 0.2 7/11
Copyright © 2011 by Silicon Laboratories
AN525
AN525
OPTIMIZED CLASS 1 PD DESIGNS USING THE Si3402
1. Introduction
The Si3402 is designed to support up to 20 W of input power with over 15 W of power delivered to the load. For this
reason, the standard reference designs have been optimized for high-power situations.
The IEEE standard for PoE (802.3 clause 33) specifies the PD classes as listed in Table 1.
Even the 3 W of output power that can realistically be derived from a Class 1 interface is adequate for many
applications. This application note shows how the standard reference design is modified and simplified to support
lower power situations.
2. Optimized Reference Designs
Figure 1 shows the completed schematic of the Class 1 reference design for the isolated case, and Figure 2 shows
the reference design for the non-isolated case. Tables 2 and 3 are the bills of materials corresponding to Figures 1
and 2.
Table 1. PD Classes
PD Classification
Input Power Maximum
Output Power Allowing for 80%
Conversion Efficiency
Class 0 or Class 3
13 W
10.4 W
Class 1
3.84 W
3.07 W
Class 2
6.49 W
5.19 W
Class 4
25.5 W
20.4 W


Numéro de pièce similaire - SI3402

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI3402 ETC2-SI3402 Datasheet
261Kb / 22P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE
logo
Silicon Laboratories
SI3402-B SILABS-SI3402-B Datasheet
1Mb / 21P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
logo
Skyworks Solutions Inc.
SI3402-B SKYWORKS-SI3402-B Datasheet
1Mb / 22P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Rev. 1.1
logo
Silicon Laboratories
SI3402-B-GM SILABS-SI3402-B-GM Datasheet
1Mb / 21P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Si3402-B-GM SILABS-Si3402-B-GM Datasheet
65Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Description similaire - SI3402

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
AN296 SILABS-AN296 Datasheet
442Kb / 24P
   USING THE Si3400 AND Si3401 POE PD CONTROLLERS IN ISOLATED AND NON-ISOLATED DESIGNS
logo
Cymbet Corporation
AN-1036 CYMBET-AN-1036 Datasheet
674Kb / 7P
   Using the EnerChip CC in Energy Harvesting Designs
logo
Texas Instruments
NS486SXF TI1-NS486SXF Datasheet
482Kb / 46P
[Old version datasheet]   Optimized 32-Bit 486-Class Controller
logo
Lite-On Technology Corp...
LTDL-RA25A-T LITEON-LTDL-RA25A-T Datasheet
201Kb / 4P
   High PD sensitivty optimized for red light (貫=650nm)
LTDL-RA16A LITEON-LTDL-RA16A Datasheet
139Kb / 4P
   High PD sensitivty optimized for red light (貫=650nm)
logo
Maxim Integrated Produc...
MAX25203EVKIT MAXIM-MAX25203EVKIT Datasheet
1Mb / 18P
   100W USB-PD REV3.0 Source Charger Solution using a Cypress PD Controller
2020
MAX25430AEVKIT MAXIM-MAX25430AEVKIT Datasheet
4Mb / 33P
   100W USB-PD REV3.0 Source Charger Solution using a Cypress PD Controller
2020
logo
Kersemi Electronic Co.,...
IRFB4019 KERSEMI-IRFB4019 Datasheet
831Kb / 7P
   Key Parameters Optimized for Class-D Audio
logo
ATMEL Corporation
ATAVRSB202 ATMEL-ATAVRSB202 Datasheet
386Kb / 1P
   Reference designs
logo
International Rectifier
IRFS5615PBF IRF-IRFS5615PBF Datasheet
351Kb / 9P
   Key Parameters Optimized for Class-D Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com