Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4040B25QFTA Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce LM4040B25QFTA
Description  AUTOMOTIVE GRADE PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM4040B25QFTA Fiches technique(HTML) 1 Page - Diodes Incorporated

  LM4040B25QFTA Datasheet HTML 1Page - Diodes Incorporated LM4040B25QFTA Datasheet HTML 2Page - Diodes Incorporated LM4040B25QFTA Datasheet HTML 3Page - Diodes Incorporated LM4040B25QFTA Datasheet HTML 4Page - Diodes Incorporated LM4040B25QFTA Datasheet HTML 5Page - Diodes Incorporated LM4040B25QFTA Datasheet HTML 6Page - Diodes Incorporated LM4040B25QFTA Datasheet HTML 7Page - Diodes Incorporated LM4040B25QFTA Datasheet HTML 8Page - Diodes Incorporated LM4040B25QFTA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM4040Q
Document number: DS36989 Rev. 1 - 2
1 of 11
www.diodes.com
October 2015
© Diodes Incorporated
LM4040Q
AUTOMOTIVE GRADE PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Description
The LM4040Q is a family of bandgap circuits designed to achieve
precision micro-power voltage references of 2.5V, 3.0V and 5.0V. The
devices are available in 0.2% B-grade, 0.5% C-grade and 1%
D-grade initial tolerances.
They are available in small outline SOT23 surface mount package
which is ideal for applications where space is at a premium. Excellent
performance is maintained over the 60µA to 15mA operating current
range with a typical temperature coefficient of only 20ppm/°C. The
device has been designed to be highly tolerant of capacitive loads
therefore maintaining excellent stability.
This device offers a pin for pin compatible alternative to the industry
standard LM4040 voltage reference for automotive applications.
The LM4040Q has been qualified to AEC-Q100 Grade 1 and is
Automotive Grade supporting PPAPs
Features
Small packages: SOT23
No output capacitor required
Output voltage tolerance
LM4040BQ
±0.2% at +25°C
LM4040CQ
±0.5% at +25°C
LM4040DQ
±1% at +25°C
Low output noise
10Hz to 10kHz... 45µVRMS
Wide operating current range 60µA to 15mA
Extended temperature range -40°C to +125°C
Low temperature coefficient 100 ppm/°C (max)
Green Molding in SOT23
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Automotive Grade
Qualified to AEC-Q100 Standards for High Reliability
PPAP Capable (Note 4)
Pin Assignments
Applications
Automotive reference voltage
Data acquisition systems
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free,
"Green" and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
4. Automotive products are AEC-Q100 qualified and are PPAP capable. Automotive, AEC-Q100 and standard products are electrically and thermally
the same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
*
Anode
Cathode
Top view
* Pin 1 must be left floating or connected to pin 2
3
1
2
LM4040 F (SOT23)


Numéro de pièce similaire - LM4040B25QFTA

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
LM4040B25FTA ZETEX-LM4040B25FTA Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4040B25FTA DIODES-LM4040B25FTA Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040B25H5TA ZETEX-LM4040B25H5TA Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4040B25H5TA DIODES-LM4040B25H5TA Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Texas Instruments
LM4040B25IDBZR TI1-LM4040B25IDBZR Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results

Description similaire - LM4040B25QFTA

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041 DIODES-LM4041 Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Analog Devices
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5040ARTZ AD-ADR5040ARTZ Datasheet
557Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com