Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5519AJI3FN-G1 Fiches technique(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

No de pièce CS5519AJI3FN-G1
Description  Enhanced Multi-touch Capacitive Touch Screen Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Site Internet  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

CS5519AJI3FN-G1 Fiches technique(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button CS5519AJI3FN-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited CS5519AJI3FN-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited CS5519AJI3FN-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited CS5519AJI3FN-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited CS5519AJI3FN-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited CS5519AJI3FN-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited CS5519AJI3FN-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited CS5519AJI3FN-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited CS5519AJI3FN-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
Enhanced Multi-touch Capacitive Touch Screen Controller
CS5519
Apr. 2013
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
6
Functional Block Diagram
Figure 4. Main AFE I/O Pin Assignment and Whole Chip’s Functional Block Diagram
Mode Control
Register Table
SDA
Analog signals S[23:1]
SCL
RSTN
D[38:1]
MUX
64K Flash
12K SRAM
I2C M/S
SFR
MCU
4~48M
OSC
CLK
MDU
INT
TESTEN
POR18
POR33
LVD
Stage 23
/
Stage 9
Stage 8
Stage 7
Stage 6
Stage 5
Stage 4
Stage 3
Stage 2
Stage 1
Stage 0
DAI
S/H
SAR
8-bit
ADC
VDD18
VDD33
P3.6
S11
S10
S9
S8
S7
S6
S1
S3
S4
S5
S2
P1.7
SAR
8-bit
ADC
VSS
D23
D24
D25
D29
D28
D27
D26
D22
D30
D31
D32
D33
D34
D35
D36
D37
D38
FIFO
896 12-bit SRAM
(Baseline)
896 8-bit SRAM
(CMOD_Buffer)
896 12-bit SRAM
(SCAN_Buffer)
+
-


Numéro de pièce similaire - CS5519AJI3FN-G1

FabricantNo de pièceFiches techniqueDescription
logo
DFI Inc
CS551 DFI-CS551 Datasheet
1Mb / 2P
   9th/8th Gen Intel Core 3.5CBS
CS551-C246-BCA DFI-CS551-C246-BCA Datasheet
1Mb / 2P
   9th/8th Gen Intel Core 3.5CBS
CS551-C246-ECA DFI-CS551-C246-ECA Datasheet
1Mb / 2P
   9th/8th Gen Intel Core 3.5CBS
CS551-H310-BCA DFI-CS551-H310-BCA Datasheet
1Mb / 2P
   9th/8th Gen Intel Core 3.5CBS
CS551-H310-ECA DFI-CS551-H310-ECA Datasheet
1Mb / 2P
   9th/8th Gen Intel Core 3.5CBS
More results

Description similaire - CS5519AJI3FN-G1

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AUR3852 BCDSEMI-AUR3852 Datasheet
874Kb / 17P
   Enhanced Multi-touch Capacitive Touch Screen Controller
AP389X BCDSEMI-AP389X Datasheet
388Kb / 19P
   Enhanced Multi-touch Capacitive Touch Screen Controller
logo
Diodes Incorporated
AP386X DIODES-AP386X Datasheet
649Kb / 16P
   Superior Multi-touch Capacitive Touch Screen Controller
logo
Pixart Imaging Inc.
PCT1339 PIXART-PCT1339 Datasheet
1Mb / 25P
   Multi-Touch Capacitive Touch Controller
logo
List of Unclassifed Man...
FT5506 ETC2-FT5506 Datasheet
684Kb / 26P
   True Multi-Touch Capacitive Touch Panel Controller
FT5X06 ETC1-FT5X06 Datasheet
4Mb / 21P
   True Multi-Touch Capacitive Touch Panel Controller
ILI2113A ETC-ILI2113A Datasheet
456Kb / 14P
   Capacitive Touch Controller
V1.09 March 06,2013
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com