Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP6KE22A Fiches technique(PDF) 3 Page - Littelfuse

No de pièce TP6KE22A
Description  Hi reliability application and automotive grade AEC-Q101 qualified
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TP6KE22A Fiches technique(HTML) 3 Page - Littelfuse

  TP6KE22A Datasheet HTML 1Page - Littelfuse TP6KE22A Datasheet HTML 2Page - Littelfuse TP6KE22A Datasheet HTML 3Page - Littelfuse TP6KE22A Datasheet HTML 4Page - Littelfuse TP6KE22A Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
888
TVS Diodes
TP6KE Series
Axial Leaded – 600W > TP6KE series
©2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/08/15
Voltage Transients
Time
Voltage Across TVS
Current Through TVS
Figure 1 - TVS Transients Clamping Waveform
Ratings and Characteristic Curves (T
A=25°C unless otherwise noted)
Figure 2 - Peak Pulse Power Rating
t
d-Pulse Width (ms)
0.1
1
10
100
0.001
0.01
0.11
10
TJ initial =Tamb
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10µsec
Peak Value
IPPM
IPPM
2
TJ=25°C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10/1000µsec. Waveform
as defined by R.E.A
td
t-Time (ms)
Half Value
IPPM
( )
Uni-direc onal
Bi-direc onal
V=
V
R
Uni-direc onal V=0V
Bi-direc onal V=0V
1
10
100
1000
10000
100000
110100
1000
V
BR - Reverse Breakdown Voltage (V)
-Pulse Duration (s)
TP
0.1
1
10
100
0.01
0.11
10
100
1000
Figure 3 - Peak Pulse Power Derating Curve
Figure 4 - Pulse Waveform
Figure 5 - Typical Junction Capacitance
Figure 6 - Typical Transient Thermal Impedance
0
25
50
75
100
0255075
100
125
150
175
200
T
J - Initial Junction Temperature (ºC)
3


Numéro de pièce similaire - TP6KE22A

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
TP6KE LITTELFUSE-TP6KE Datasheet
947Kb / 5P
   specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
More results

Description similaire - TP6KE22A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TN3050H-12WY STMICROELECTRONICS-TN3050H-12WY Datasheet
394Kb / 9P
   AEC-Q101 qualified
October 2016 Rev 2
STB100NF04T4 STMICROELECTRONICS-STB100NF04T4 Datasheet
1Mb / 20P
   AEC-Q101 qualified
November 2016 Rev 7
logo
Littelfuse
AQ1006 LITTELFUSE-AQ1006 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
STMicroelectronics
STH275N8F7-2AG STMICROELECTRONICS-STH275N8F7-2AG Datasheet
889Kb / 18P
   AEC-Q101 qualified
January 2017 Rev 4
logo
Littelfuse
AQ1026 LITTELFUSE-AQ1026 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
Diodes Incorporated
DMN3008SFG DIODES-DMN3008SFG Datasheet
511Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMNH4011SPSQ DIODES-DMNH4011SPSQ Datasheet
552Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1012UCB9 DIODES-DMP1012UCB9 Datasheet
237Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMTH6005LCT DIODES-DMTH6005LCT Datasheet
320Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMN2005UFG DIODES-DMN2005UFG Datasheet
518Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com