Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSMS0645D-1R0N Fiches technique(PDF) 1 Page - Frontier Electronics.

No de pièce CSMS0645D-1R0N
Description  SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRONTIER [Frontier Electronics.]
Site Internet  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSMS0645D-1R0N Fiches technique(HTML) 1 Page - Frontier Electronics.

  CSMS0645D-1R0N Datasheet HTML 1Page - Frontier Electronics. CSMS0645D-1R0N Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSMS0645D Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. A
A. Electrical Specifications:
P/N
Marking
Inductance
@100KHz
(μH)
Inductance
Tolerance
DCR
±20%
(Ω)
Rated Current (mA)
SRF Min.
(MHz)
I sat
I rms
CSMS0645D-1R0N
1R0
1.0
± 30%
0.014
9800
4500
110
CSMS0645D-1R3N
1R3
1.3
± 30%
0.016
8200
4200
95
CSMS0645D-1R8N
1R8
1.8
± 30%
0.019
7200
3900
80
CSMS0645D-2R3N
2R3
2.3
± 30%
0.022
6400
3600
60
CSMS0645D-3R0N
3R0
3.0
± 30%
0.024
5600
3300
45
CSMS0645D-4R5M
4R5
4.5
± 20%
0.030
4400
3100
25
CSMS0645D-6R3M
6R3
6.3
± 20%
0.036
3600
3000
15
CSMS0645D-100M
100
10
± 20%
0.046
3100
2400
12
CSMS0645D-150M
150
15
± 20%
0.070
2500
1900
10
CSMS0645D-220M
220
22
± 20%
0.107
2000
1600
7
CSMS0645D-330M
330
33
± 20%
0.141
1650
1400
6
CSMS0645D-470M
470
47
± 20%
0.211
1400
1150
5
CSMS0645D-680M
680
68
± 20%
0.304
1100
950
4
CSMS0645D-101M
101
100
± 20%
0.466
900
750
3
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
i
k
m
n
CSMS0645D
6.0
(0.236)
6.0
(0.236)
4.5
(0.177)
1.35
(0.053)
2.3
(0.091)
4.0
(0.157)
4.8
(0.189)
0.3
(0.012)
1.6
(0.063)
5.2
(0.205)
5.7
(0.224)
4.7
(0.185)
Tol.
±0.2
(0.008)
±0.2
(0.008)
Max.
±0.2
(0.008)
Typ.
±0.2
(0.008)
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
C. General Information:
1. CSMS0645D-xxx_, “CSMS0645D” = P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: M: ± 20%, N: ± 30%
3. Magnetically shielded
4. High saturation current
5. Storage temperature: -40ºC to +85ºC.
6. Operating temperature range: -25ºC to +125ºC (Including self-heating).
7. Inductance measured using the HP4285A and Chroma1320 & 3302.
8. DCR measured using Chroma 16502.
9. SRF measured using the HP4291B.
10. Saturation Current Idc1: The value of current causes a 30% Inductance reduction from initial value. ( at : 20 ºC ambient)
11. Temperature rise current Idc2: The value of current causes a 40ºC temperature rise. ( at : 20 ºC ambient)
12. Rated Current: Either Idc1 or Idc2 whichever is smaller.
13. MSL: Level 1.
14. Inductance and Current range: From 1.0 µH (4500mA) to 100.0 µH (750mA).
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Numéro de pièce similaire - CSMS0645D-1R0N

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
CSMS0645D FRONTIER-CSMS0645D Datasheet
185Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0645D100M FRONTIER-CSMS0645D100M Datasheet
185Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0645D101M FRONTIER-CSMS0645D101M Datasheet
185Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0645D150M FRONTIER-CSMS0645D150M Datasheet
185Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0645D1R0N FRONTIER-CSMS0645D1R0N Datasheet
185Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results

Description similaire - CSMS0645D-1R0N

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
CSS0211P FRONTIER-CSS0211P_15 Datasheet
174Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0214P FRONTIER-CSS0214P_15 Datasheet
178Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0218P FRONTIER-CSS0218P_15 Datasheet
173Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0628P FRONTIER-CSS0628P_15 Datasheet
190Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS105D FRONTIER-CSS105D_15 Datasheet
194Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0518P-4R1L FRONTIER-CSS0518P-4R1L Datasheet
225Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS1050G-R80L FRONTIER-CSS1050G-R80L Datasheet
282Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0612D FRONTIER-CSMS0612D Datasheet
183Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS124P FRONTIER-CSS124P_15 Datasheet
236Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0412D FRONTIER-CSMS0412D Datasheet
169Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0628D FRONTIER-CSMS0628D Datasheet
188Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com