Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS16S Fiches technique(PDF) 7 Page - Infineon Technologies AG

No de pièce BAS16S
Description  Silicon Switching Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS16S Fiches technique(HTML) 7 Page - Infineon Technologies AG

Back Button BAS16S Datasheet HTML 2Page - Infineon Technologies AG BAS16S Datasheet HTML 3Page - Infineon Technologies AG BAS16S Datasheet HTML 4Page - Infineon Technologies AG BAS16S Datasheet HTML 5Page - Infineon Technologies AG BAS16S Datasheet HTML 6Page - Infineon Technologies AG BAS16S Datasheet HTML 7Page - Infineon Technologies AG BAS16S Datasheet HTML 8Page - Infineon Technologies AG BAS16S Datasheet HTML 9Page - Infineon Technologies AG BAS16S Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Dec-04-2003
7
BAS16...
Forward current IF = ƒ (TS)
BAS16U
0
15
30
45
60
75
90 105 120 °C
150
TS
0
50
100
150
mA
250
Forward current IF = ƒ (TS)
BAS16W
0
15
30
45
60
75
90 105 120 °C
150
TS
0
50
100
150
200
mA
300
Permissible Puls Load RthJS = ƒ (tp)
BAS16
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
3
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Permissible Pulse Load
IFmax/ IFDC = ƒ (tp)
BAS16
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5


Numéro de pièce similaire - BAS16S

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BAS16S SIEMENS-BAS16S Datasheet
64Kb / 4P
   Silicon Switching Diode Array (For high-speed switching applications Internal (galvanic) isolated Diodes in one package)
logo
SeCoS Halbleitertechnol...
BAS16S SECOS-BAS16S Datasheet
189Kb / 2P
   Surface Mount Switching Diode
logo
Infineon Technologies A...
BAS16S INFINEON-BAS16S Datasheet
1,015Kb / 21P
   Silicon Switching Diode
2009-09-28
logo
Cystech Electonics Corp...
BAS16S3 CYSTEKEC-BAS16S3 Datasheet
163Kb / 4P
   High -Speed switching diode
logo
Fairchild Semiconductor
BAS16SL FAIRCHILD-BAS16SL Datasheet
230Kb / 4P
   Small Signal Diodes
More results

Description similaire - BAS16S

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BAW101 INFINEON-BAW101 Datasheet
429Kb / 3P
   Silicon Switching Diode
Sep-24-2003
BAS21 INFINEON-BAS21 Datasheet
453Kb / 5P
   Silicon Switching Diode
Jan-30-2003
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1 Datasheet
123Kb / 8P
   Silicon Switching Diode
March, 2000 ??Rev. 0
logo
Central Semiconductor C...
1N4454 CENTRAL-1N4454 Datasheet
67Kb / 1P
   Silicon switching diode
logo
M/A-COM Technology Solu...
1N914 MA-COM-1N914 Datasheet
534Kb / 3P
   Silicon Switching Diode
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1_04 Datasheet
63Kb / 6P
   Silicon Switching Diode
May, 2004 ??Rev. 2
logo
Leshan Radio Company
LBAS16WT1 LRC-LBAS16WT1 Datasheet
166Kb / 4P
   Silicon Switching Diode
logo
Guangdong Kexin Industr...
1SS222 KEXIN-1SS222 Datasheet
36Kb / 1P
   SILICON SWITCHING DIODE
logo
ON Semiconductor
BAS16TT1G ONSEMI-BAS16TT1G Datasheet
128Kb / 5P
   Silicon Switching Diode
October, 2010 -- Rev. 3
logo
Infineon Technologies A...
BAS21 INFINEON-BAS21_07 Datasheet
119Kb / 9P
   Silicon Switching Diode
2007-04-19
BAW56 INFINEON-BAW56_07 Datasheet
153Kb / 12P
   Silicon Switching Diode
2007-09-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com