Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA3130D2DAPR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA3130D2DAPR
Description  Filter-Free Class-D Stereo Amplifier Family
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3130D2DAPR Fiches technique(HTML) 5 Page - Texas Instruments

  TPA3130D2DAPR Datasheet HTML 1Page - Texas Instruments TPA3130D2DAPR Datasheet HTML 2Page - Texas Instruments TPA3130D2DAPR Datasheet HTML 3Page - Texas Instruments TPA3130D2DAPR Datasheet HTML 4Page - Texas Instruments TPA3130D2DAPR Datasheet HTML 5Page - Texas Instruments TPA3130D2DAPR Datasheet HTML 6Page - Texas Instruments TPA3130D2DAPR Datasheet HTML 7Page - Texas Instruments TPA3130D2DAPR Datasheet HTML 8Page - Texas Instruments TPA3130D2DAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
TPA3116D2, TPA3118D2, TPA3130D2
www.ti.com
SLOS708E – APRIL 2012 – REVISED SEPTEMBER 2015
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VCC
PVCC, AVCC
–0.3
30
V
INPL, INNL, INPR, INNR
–0.3
6.3
V
Input voltage, VI
PLIMIT, GAIN / SLV, SYNC
–0.3
GVDD+0.3
V
AM0, AM1, AM2, MUTE, SDZ, MODSEL
–0.3
PVCC+0.3
V
Slew rate, maximum(2)
AM0, AM1, AM2, MUTE, SDZ, MODSEL
10
V/ms
Operating free-air temperature, TA
–40
85
°C
Operating junction temperature , TJ
–40
150
°C
Storage temperature, Tstg
–40
125
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
100 k
Ω series resistor is needed if maximum slew rate is exceeded.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. .
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
PVCC, AVCC
4.5
26
V
High-level input
VIH
AM0, AM1, AM2, MUTE, SDZ, SYNC, MODSEL
2
V
voltage
Low-level input
VIL
AM0, AM1, AM2, MUTE, SDZ, SYNC, MODSEL
0.8
V
voltage
Low-level output
VOL
FAULTZ, RPULL-UP = 100 kΩ, PVCC = 26 V
0.8
V
voltage
High-level input
IIH
AM0, AM1, AM2, MUTE, SDZ, MODSEL (VI = 2 V, VCC = 18 V)
50
µA
current
TPA3116D2, TPA3118D2
3.2
4
RL(BTL)
Output filter: L = 10 µH, C = 680 nF
TPA3130D2
5.6
8
Minimum load
Ω
Impedance
TPA3116D2, TPA3118D2
1.6
RL(PBTL)
Output filter: L = 10 µH, C = 1 µF
TPA3130D2
3.2
4
Output-filter
Lo
Minimum output filter inductance under short-circuit condition
1
µH
Inductance
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPA3116D2 TPA3118D2 TPA3130D2


Numéro de pièce similaire - TPA3130D2DAPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3130D2DAPR TI1-TPA3130D2DAPR Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3130D2DAPR TI-TPA3130D2DAPR Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

Description similaire - TPA3130D2DAPR

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
[Old version datasheet]   25-W Filter-Free Class-D Stereo Amplifier
TPA3116D2 TI1-TPA3116D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
   3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
   15W stereo filter-free class D audio power amplifier
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
   2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com