Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA3116D2DAD Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA3116D2DAD
Description  Filter-Free Class-D Stereo Amplifier Family
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3116D2DAD Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPA3116D2DAD Datasheet HTML 4Page - Texas Instruments TPA3116D2DAD Datasheet HTML 5Page - Texas Instruments TPA3116D2DAD Datasheet HTML 6Page - Texas Instruments TPA3116D2DAD Datasheet HTML 7Page - Texas Instruments TPA3116D2DAD Datasheet HTML 8Page - Texas Instruments TPA3116D2DAD Datasheet HTML 9Page - Texas Instruments TPA3116D2DAD Datasheet HTML 10Page - Texas Instruments TPA3116D2DAD Datasheet HTML 11Page - Texas Instruments TPA3116D2DAD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
PO = 1W
PO = 5W
PO = 10W
Gain = 26dB
PVCC = 24V
TA = 25°C
RL = 8Ω
G006
0.001
0.01
0.1
1
10
0.01
0.1
1
10
Output Power (W)
f = 20Hz
f = 1kHz
f = 6kHz
Gain = 26dB
PVCC = 6V
TA = 25°C
RL = 4Ω
G008
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
PO = 1W
PO = 5W
PO = 10W
Gain = 26dB
PVCC = 24V
TA = 25°C
RL = 4Ω
G004
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
PO = 1W
PO = 2.5W
PO = 5W
Gain = 26dB
PVCC = 12V
TA = 25°C
RL = 8Ω
G005
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
PO = 0.5W
PO = 1W
PO = 2.5W
Gain = 26dB
PVCC = 6V
TA = 25°C
RL = 4Ω
G002
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
PO = 1W
PO = 2.5W
PO = 5W
Gain = 26dB
PVCC = 12V
TA = 25°C
RL = 4Ω
G003
TPA3116D2, TPA3118D2, TPA3130D2
SLOS708E – APRIL 2012 – REVISED SEPTEMBER 2015
www.ti.com
6.7 Typical Characteristics
fs = 400 kHz, BD Mode (unless otherwise noted)
Figure 1. Total Harmonic Distortion + Noise (BTL) vs
Figure 2. Total Harmonic Distortion + Noise (BTL) vs
Frequency
Frequency
Figure 3. Total Harmonic Distortion + Noise (BTL) vs
Figure 4. Total Harmonic Distortion + Noise (BTL) vs
Frequency
Frequency
Figure 5. Total Harmonic Distortion + Noise (BTL) vs
Figure 6. Total Harmonic Distortion + Noise (BTL) vs Output
Frequency
Power
8
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPA3116D2 TPA3118D2 TPA3130D2


Numéro de pièce similaire - TPA3116D2DAD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3116D2DAD TI1-TPA3116D2DAD Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3116D2DAD TI-TPA3116D2DAD Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3116D2DADR TI1-TPA3116D2DADR Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3116D2DADR TI-TPA3116D2DADR Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

Description similaire - TPA3116D2DAD

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
[Old version datasheet]   25-W Filter-Free Class-D Stereo Amplifier
TPA3116D2 TI1-TPA3116D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
   3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
   15W stereo filter-free class D audio power amplifier
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
   2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com